전자부품 데이터시트 검색엔진 |
|
SN5405 데이터시트(PDF) 6 Page - Texas Instruments |
|
SN5405 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 18 page SN54LS05, SN54S05 SN7405, SN74LS05, SN74S05 HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions SN54S05 SN74S05 UNIT MIN NOM MAX MIN NOM MAX UNIT VCC Supply voltage 4.5 5 5.5 4.75 5 5.25 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VOH High-level output voltage 5.5 5.5 V IOL Low-level output current 20 20 mA TA Operating free-air temperature −55 125 0 70 °C electrical characteristics over recommended operating free-air temperature range (unless otherwise noted) PARAMETER TEST CONDITIONS† SN54S05 SN74S05 UNIT PARAMETER TEST CONDITIONS† MIN TYP‡ MAX MIN TYP‡ MAX UNIT VIK VCC = MIN, II = −18 mA −1.2 −1.2 V IOH VCC = MIN, VOH = 5.5 V VIL = 0.8 V 0.25 mA IOH VCC = MIN, VOH = 5.5 V VIL = 0.7 V 0.25 mA VOL VCC = MIN, VIH = 2 V, IOL = 20 mA 0.5 0.5 V II VCC = MAX, VI = 5.5 V 1 1 mA IIH VCC = MAX, VI = 2.7 V 50 50 µA IIL VCC = MAX, VI = 0.5 V −2 −2 mA ICCH VCC = MAX, VI = 0 V 9 19.8 9 19.8 mA ICCL VCC = MAX, VI = 4.5 V 30 54 30 54 mA † For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions. ‡ All typical values are at VCC = 5 V, TA = 25°C. switching characteristics, VCC = 5 V, TA = 25°C (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITIONS MIN TYP MAX UNIT tPLH CL = 15 pF 2 5 7.5 ns tPHL A Y RL = 280 Ω CL = 15 pF 2 4.5 7 ns tPLH A Y RL = 280 Ω CL = 50 pF 7.5 ns tPHL CL = 50 pF 7 ns The SN5405 is obsolete and no longer is supplied. |
유사한 부품 번호 - SN5405 |
|
유사한 설명 - SN5405 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |