전자부품 데이터시트 검색엔진 |
|
SN5405 데이터시트(PDF) 3 Page - Texas Instruments |
|
SN5405 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 18 page SN54LS05, SN54S05 SN7405, SN74LS05, SN74S05 HEX INVERTERS WITH OPENCOLLECTOR OUTPUTS SDLS030A − DECEMBER 1983 − REVISED NOVEMBER 2003 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 schematic (each inverter) Resistor values shown are nominal. 4 k Ω Input A Output Y GND VCC 1.6 k Ω 1 k Ω ’05 20 k Ω Input A Output Y VCC 8 k Ω 4.5 k Ω ’LS05 GND 2.8 k Ω Output Y VCC 900 Ω 500 Ω ’S05 Input A 250 Ω absolute maximum ratings over operating free-air temperature (unless otherwise noted)† Supply voltage, VCC (see Note 1): ’05, ’LS05, ’S05 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage, VI: ’05, ’S05 5.5 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ’LS05 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Off-state output voltage, VO 7 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Note 2): D package 86 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . DB package 96 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 80 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . NS package 76 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Storage temperature range, Tstg −65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. Voltage values are with respect to network ground terminal. 2. The package thermal impedance is calculated in accordance with JESD 51-7. The SN5405 is obsolete and no longer is supplied. |
유사한 부품 번호 - SN5405 |
|
유사한 설명 - SN5405 |