전자부품 데이터시트 검색엔진 |
|
SN7406D 데이터시트(PDF) 5 Page - Texas Instruments |
|
|
SN7406D 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 7 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) JM38510/00801BCA ACTIVE CDIP J 14 1 None Call TI Level-NC-NC-NC JM38510/00801BDA ACTIVE CFP W 14 1 None Call TI Level-NC-NC-NC SN5406J ACTIVE CDIP J 14 1 None Call TI Level-NC-NC-NC SN5416J ACTIVE CDIP J 14 1 None Call TI Level-NC-NC-NC SN7406D ACTIVE SOIC D 14 50 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN7406DR ACTIVE SOIC D 14 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN7406J OBSOLETE CDIP J 14 None Call TI Call TI SN7406N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN7406N3 OBSOLETE PDIP N 14 None Call TI Call TI SN7406NSR ACTIVE SO NS 14 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN7416D ACTIVE SOIC D 14 50 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN7416DR ACTIVE SOIC D 14 2500 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN7416N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN7416N3 OBSOLETE PDIP N 14 None Call TI Call TI SN7416NSR ACTIVE SO NS 14 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SNJ5406FK ACTIVE LCCC FK 20 1 None Call TI Level-NC-NC-NC SNJ5406J ACTIVE CDIP J 14 1 None Call TI Level-NC-NC-NC SNJ5406W ACTIVE CFP W 14 1 None Call TI Level-NC-NC-NC SNJ5416J ACTIVE CDIP J 14 1 None Call TI Level-NC-NC-NC SNJ5416W ACTIVE CFP W 14 1 None Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. None: Not yet available Lead (Pb-Free). Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens, including bromine (Br) or antimony (Sb) above 0.1% of total product weight. (3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder temperature. Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is PACKAGE OPTION ADDENDUM www.ti.com 28-Feb-2005 Addendum-Page 1 |
유사한 부품 번호 - SN7406D |
|
유사한 설명 - SN7406D |