전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4934G 데이터시트(PDF) 2 Page - MIC GROUP RECTIFIERS

부품명 1N4934G
상세설명  FAST RECOVERY GLASS PASSIVATED RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MIC [MIC GROUP RECTIFIERS]
홈페이지  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1N4934G 데이터시트(HTML) 2 Page - MIC GROUP RECTIFIERS

  1N4934G Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1N4934G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FAST RECOVERY GLASS PASSIVATED RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 600 Volts
1N4933G THRU 1N4937G
CURRENT
1.0 Ampere
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
Tjmax
40
20
10
J
T =125
° C
CHARACTERISTICS
2
30
1
0
10
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) T=
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
0.8
50
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, (
° C)
J
T =25
° C
80
40
100
1.2
J
T =25
° C
0.8
0.4
1% Duty Cycle
Pulse Width=300us
100
10
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
1
REVERSE VOLTAGE,(V)
Vsig=50mVp-p
1.6
0.375
″(9.5mm)
f=1MHz
T =25
° C
4
68
1 Cycle
60
10
1.0
10
100
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
J
1.0
0.1
0.01
1.0
0.1
0.01
0.4
1.2
1.0
0.6
0.2
Lead Length
20
10
0.6
1.0
1.4
1.8
20
60
20
0
120
140
T =75
° C
J
55
RATING AND CHRACTERISTIC CURVES 1N4933G THRU 1N4937G
Trr
1cm
F1G.6-TEST CIRCUIT DIAGRAM AND
REVERSE RECOVERY TIME CHARACTERISTIC
NOTES : 1.Rise Time=7ns mas. Input Impedance=
1 magohm. 22pF
50 ohms
2.Rise time=10ns max. Source Impedance=
1
Ω
NON
INDUCTIVE
D.U.T.
PULSE
GENERATIOR
(NOTE 2)
OSCILLOSCOPE
(NOTE 1)
50
Ω
NONINDUCTIVE NONINDUCTIVE
10
Ω
25 Vdc
(+)
(approx.)
(-)
(-)
(+)
+0.5A
-0.25A
-1.0A
0
SET TIME BASE FOR
50/100ns/cm


유사한 부품 번호 - 1N4934G

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
1N4934G RECTRON-1N4934G Datasheet
28Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
1N4934G TSC-1N4934G Datasheet
376Kb / 4P
   Glass Passivated Fast Recovery Rectifiers
logo
Won-Top Electronics
1N4934G WTE-1N4934G Datasheet
54Kb / 4P
   1.0A GLASS PASSIVATED FAST RECOVERY DIODE
logo
HY ELECTRONIC CORP.
1N4934G HY-1N4934G Datasheet
828Kb / 3P
   Fast Recovery Glass Passivated Recitifiers
logo
Gulf Semiconductor
1N4934G GULFSEMI-1N4934G Datasheet
150Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 600V CURRENT: 1.0A
More results

유사한 설명 - 1N4934G

제조업체부품명데이터시트상세설명
logo
Shanghai Sunrise Electr...
FR301G SSE-FR301G Datasheet
15Kb / 1P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Shanghai Lunsure Electr...
1N4933G CHENYI-1N4933G Datasheet
136Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR801G ETC-FR801G Datasheet
149Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Comchip Technology
FR8A01F-G COMCHIP-FR8A01F-G Datasheet
47Kb / 2P
   Glass Passivated Fast Recovery Rectifier
logo
MIC GROUP RECTIFIERS
FR101G MIC-FR101G Datasheet
53Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
List of Unclassifed Man...
FR151G ETC2-FR151G Datasheet
117Kb / 2P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Unisonic Technologies
FR104G UTC-FR104G Datasheet
197Kb / 4P
   FAST RECOVERY GLASS PASSIVATED RECTIFIER
logo
Jinan Jing Heng Electro...
FR301G JINGHENG-FR301G Datasheet
57Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
RS3A JINGHENG-RS3A Datasheet
46Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
FR80X HORNBY-FR80X Datasheet
273Kb / 3P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com