전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM7620D 데이터시트(PDF) 7 Page - Pletronics, Inc.

부품명 SM7620D
상세설명  5.0 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PLETRONICS [Pletronics, Inc.]
홈페이지  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7620D 데이터시트(HTML) 7 Page - Pletronics, Inc.

  SM7620D Datasheet HTML 1Page - Pletronics, Inc. SM7620D Datasheet HTML 2Page - Pletronics, Inc. SM7620D Datasheet HTML 3Page - Pletronics, Inc. SM7620D Datasheet HTML 4Page - Pletronics, Inc. SM7620D Datasheet HTML 5Page - Pletronics, Inc. SM7620D Datasheet HTML 6Page - Pletronics, Inc. SM7620D Datasheet HTML 7Page - Pletronics, Inc. SM7620D Datasheet HTML 8Page - Pletronics, Inc. SM7620D Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
SM76D Series 5.0 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
7
Mechanical (obsolete version):
The cover is no longer being supplied over this part. This part is made with a hermetically sealed SM77D
series oscillator. This part is now exposed.
The cover has been deleted as it was causing problems with the newer high temperature RoHS lead free
processes. The cover purpose was only cosmetic.
All parts ordered in 2008 will be made in the new fashion.
There is no change in electrical properties.
Pletronics does recommend that all designs should transition to the SM77D ceramic part. This is the base
part of the SM76D.
Inches
mm
Cover:
Centered on the base
304 Stainless Steel
0.010 inch (0.25μm)
Electroless Nickel Plated
1 μinch (25 μm) typical
Label:
White Kapton with Black Letters
–or--
Laser marked lettering
FR4 PCB Base:
Solder masked
All via holes tented on bottom
Copper Clad ½ oz. Typical
Gold plated 0.02 μinch (0.5 μm)
Pin 3 Ground plane is typical
Not to scale
1 Typical dimension
A
0.351 +_0.003
8.91 +_0.07
B
0.356 +_0.005
9.04 +_0.13
C
0.103 +_0.005
2.62 +_0.13
D1
0.324
8.23
E1
0.316
8.03
F1
0.050
1.27
G1
0.040
1.02
H1
0.059
1.50
I1
0.020
0.51
J1
0.040
1.02
K1
0.200
5.08
L1
0.026 typical
0.66
The package is not hermetically sealed.
The sides are intentionally left open to permit cleaning material to freely flow in the package, thus minimizing
the accumulation of contaminants during cleaning processes.
The internal part of the package must be thoroughly dry before operating.


유사한 부품 번호 - SM7620D

제조업체부품명데이터시트상세설명
logo
Pletronics, Inc.
SM7620DEV PLETRONICS-SM7620DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7620DEW PLETRONICS-SM7620DEW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
SM7620DEX PLETRONICS-SM7620DEX Datasheet
203Kb / 9P
   1.8 V CMOS Clock Oscillators
SM7620DV PLETRONICS-SM7620DV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7620DW PLETRONICS-SM7620DW Datasheet
205Kb / 9P
   2.5 V CMOS Clock Oscillators
More results

유사한 설명 - SM7620D

제조업체부품명데이터시트상세설명
logo
Pletronics, Inc.
SM7745DE PLETRONICS-SM7745DE Datasheet
149Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745HE PLETRONICS-SM7745HE Datasheet
110Kb / 8P
   5.0 V CMOS Clock Oscillators
SM5545ME PLETRONICS-SM5545ME Datasheet
152Kb / 8P
   5.0 V CMOS Clock Oscillators
SM7745ME PLETRONICS-SM7745ME Datasheet
150Kb / 8P
   5.0 V CMOS Clock Oscillators
SQ3345DES PLETRONICS-SQ3345DES Datasheet
132Kb / 7P
   5.0 V CMOS Clock Oscillators
SM5545TE PLETRONICS-SM5545TE Datasheet
151Kb / 8P
   5.0 V CMOS Clock Oscillators
P1145-3SDES PLETRONICS-P1145-3SDES Datasheet
78Kb / 7P
   P113SD Series 5.0 V CMOS Clock Oscillators
SM5545TEX PLETRONICS-SM5545TEX Datasheet
152Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEX PLETRONICS-SM7745DEX Datasheet
149Kb / 8P
   1.8 V CMOS Clock Oscillators
SM7745DEW PLETRONICS-SM7745DEW Datasheet
152Kb / 8P
   2.5 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com