전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM7645HV 데이터시트(PDF) 4 Page - Pletronics, Inc.

부품명 SM7645HV
상세설명  3.3 V CMOS Clock Oscillators
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PLETRONICS [Pletronics, Inc.]
홈페이지  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

SM7645HV 데이터시트(HTML) 4 Page - Pletronics, Inc.

  SM7645HV Datasheet HTML 1Page - Pletronics, Inc. SM7645HV Datasheet HTML 2Page - Pletronics, Inc. SM7645HV Datasheet HTML 3Page - Pletronics, Inc. SM7645HV Datasheet HTML 4Page - Pletronics, Inc. SM7645HV Datasheet HTML 5Page - Pletronics, Inc. SM7645HV Datasheet HTML 6Page - Pletronics, Inc. SM7645HV Datasheet HTML 7Page - Pletronics, Inc. SM7645HV Datasheet HTML 8Page - Pletronics, Inc. SM7645HV Datasheet HTML 9Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SM76H Series 3.3 V
CMOS Clock Oscillators
March 2008
www.pletronics.com
425-776-1880
4
Electrical Specification for 3.30V +
_10% over the specified temperature range
Item
Typ
Max
Unit
Condition
Output T
RISE and TFALL
-
5
nS
< 35 MHZ
C
LOAD = 15 pF
10% to 90% of V
CC
See Load Circuit
-3
nS
> 35 MHZ
-
8
nS
< 35 MHZ
C
LOAD = 30 pF
10% to 90% of V
CC
See Load Circuit
-5
nS
> 35 MHZ
V
CC Supply Current (ICC)-
9
mA
< 8 MHZ
C
LOAD = 15 pF
-11
mA
> 8 MHZ and < 16 MHZ
-17
mA
> 16 MHZ and < 35 MHZ
-26
mA
> 35 MHZ
-12
mA
< 8 MHZ
C
LOAD = 30 pF
-16
mA
> 8 MHZ and < 16 MHZ
-22
mA
> 16 MHZ and < 35 MHZ
-35
mA
> 35 MHZ
Specifications with Pad 1 E/D open circuit
Typical phase noise plot for 5 oscillators at different output frequencies.
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
10
1,000
100,000
10,000,000
Frequency (Hz)
19.4M
25M
32M
50M
66.7M


유사한 부품 번호 - SM7645HV

제조업체부품명데이터시트상세설명
logo
Pletronics, Inc.
SM7645HV PLETRONICS-SM7645HV Datasheet
202Kb / 1P
   CMOS with Enable/ Disable or Optional Stand By Mode (3.3 V)
More results

유사한 설명 - SM7645HV

제조업체부품명데이터시트상세설명
logo
Pletronics, Inc.
SM7745HEV PLETRONICS-SM7745HEV Datasheet
109Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745MEV PLETRONICS-SM7745MEV Datasheet
149Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545TEV PLETRONICS-SM5545TEV Datasheet
154Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7645DEV PLETRONICS-SM7645DEV Datasheet
206Kb / 9P
   3.3 V CMOS Clock Oscillators
SM7745DEV PLETRONICS-SM7745DEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM7745GEV PLETRONICS-SM7745GEV Datasheet
150Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545GEV PLETRONICS-SM5545GEV Datasheet
153Kb / 8P
   3.3 V CMOS Clock Oscillators
SM5545MEV PLETRONICS-SM5545MEV Datasheet
145Kb / 8P
   3.3 V CMOS Clock Oscillators
SQ3345DESV PLETRONICS-SQ3345DESV Datasheet
135Kb / 7P
   3.3 V CMOS Clock Oscillators
P1145-3SDESV PLETRONICS-P1145-3SDESV Datasheet
81Kb / 7P
   P113SD Series 3.3 V CMOS Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com