전자부품 데이터시트 검색엔진 |
|
SN74ABT162501 데이터시트(PDF) 5 Page - Texas Instruments |
|
SN74ABT162501 데이터시트(HTML) 5 Page - Texas Instruments |
5 / 9 page SN54ABT162501, SN74ABT162501 18-BIT UNIVERSAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS SCBS243E – SEPTEMBER 1992 – REVISED FEBRUARY 1999 5 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 recommended operating conditions (see Note 3) SN54ABT162501 SN74ABT162501 UNIT MIN MAX MIN MAX UNIT VCC Supply voltage 4.5 5.5 4.5 5.5 V VIH High-level input voltage 2 2 V VIL Low-level input voltage 0.8 0.8 V VI Input voltage 0 VCC 0 VCC V IOH High level output current A port –24 –32 mA IOH High-level output current B port –12 –12 mA IOL Low level output current A port 48 64 mA IOL Low-level output current B port 12 12 mA ∆t/∆v Input transition rise or fall rate Outputs enabled 10 10 ns/V ∆t/∆VCC Power-up ramp rate 200 200 µs/V TA Operating free-air temperature –55 125 –40 85 °C NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. PRODUCT PREVIEW information concerns products in the formative or design phase of development. Characteristic data and other specifications are design goals. Texas Instruments reserves the right to change or discontinue these products without notice. |
유사한 부품 번호 - SN74ABT162501 |
|
유사한 설명 - SN74ABT162501 |