전자부품 데이터시트 검색엔진 |
|
KMC201E224M43N0T00 데이터시트(PDF) 2 Page - United Chemi-Con, Inc. |
|
KMC201E224M43N0T00 데이터시트(HTML) 2 Page - United Chemi-Con, Inc. |
2 / 4 page MULTILAYER CERAMIC CHIP CAPACITORS CAT. No. E1002I ?SPECIFICATIONS No. Items Specification Test Condition 8 Solderability Min. 75% of surface of the termination shall be covered with new solder Solder Temperature : 235P5C Dipping Time : 2P0.5 sec. Solder : Eutectic solder containning Ag2.5 to 3wt% 6 7 Adhesion Bend strength of the face plating No visible damage. Appearance : No visible damage. DC/C : P15% The substrate shall be bend by 1mm at a rate of 1mm/s for 5 seconds. Substrate 5N (0.51kgf) for 10P1 seconds Capacitor 1.0mm Substrate Press Press ber Capacitor Support 45P2mm 45P2mm 10 Temperature Cycle Appearance : No visible damage. DC/C : P15% D.F. : To meet the initial specification. I.R. : To meet the initial specification. Withstand voltage : No abnormality. 9 Resistance to Soldering Heat Appearance : No visible damage. DC/C : P15% D.F. : To meet the initial specification. I.R. : To meet the initial specification. Withstand voltage : No abnormality. 11 Humidity Load Life 12 Endurance Appearance : No abnormality. DC/C : P20% D.F. : 7% maximum I.R. : 50/CR(MO) or 1000(MO) whichever is less. Withstand voltage : No abnormality. Appearance : No abnormality. DC/C : P20% D.F. : 7% maximum I.R. : 100/CR(MO) or 1000(MO) whichever is less. Withstand voltage : No abnormality. Temperature : 40P2C Humidity : 90 to 95%RH Voltage : Rated voltage Time : 500P 24hours Temperature : 85P2C Voltage : 200% of rated voltage. Time : 1000P 48hours Temperature : 125P3C Voltage : Rated voltage Time : 1000P 48hours <Cycle> THC series : 5 cycles TMC series : 100 cycles Step 1 2 Temperature (C) Min. Category temperature P3 Room temperature (min.) 30P3 3 max. 3 4 Max. Category temperature P2 Room temperature 30P3 3 max. 0 0 0 Solder Temperature : 260P5C Dipping Time : 2P0.5 seconds Solder : Eutectic solder containning Ag2.5 to 3wt% *CR : Rated Capacitance(MF) / (2/4) |
유사한 부품 번호 - KMC201E224M43N0T00 |
|
유사한 설명 - KMC201E224M43N0T00 |