전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABT16952DLRG4 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ABT16952DLRG4
상세설명  16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ABT16952DLRG4 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ABT16952DLRG4 Datasheet HTML 1Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 2Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 3Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 4Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 5Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 6Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 7Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 8Page - Texas Instruments SN74ABT16952DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SN54ABT16952, SN74ABT16952
16-BIT REGISTERED TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS082C – FEBRUARY 1991 – REVISED JANUARY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Members of the Texas Instruments
Widebus
™ Family
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D Flow-Through Architecture Optimizes PCB
Layout
D High-Drive Outputs (–32-mA IOH, 64-mA IOL)
D Package Options Include Plastic 300-mil
Shrink Small-Outline (DL) and Thin Shrink
Small-Outline (DGG) Packages and 380-mil
Fine-Pitch Ceramic Flat (WD) Package
Using 25-mil Center-to-Center Spacings
description
The ’ABT16952 are 16-bit registered transceivers
that contain two sets of D-type flip-flops for
temporary storage of data flowing in either
direction. The ’ABT16952 can be used as two 8-bit
transceivers or one 16-bit transceiver. Data on the
A or B bus is stored in the registers on the
low-to-high transition of the clock (CLKAB or
CLKBA) input provided that the clock-enable
(CLKENAB or CLKENBA) input is low. Taking the
output-enable (OEAB or OEBA) input low
accesses the data on either port.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The SN54ABT16952 is characterized for operation over the full military temperature range of –55
°C to 125°C.
The SN74ABT16952 is characterized for operation from –40
°C to 85°C.
SN54ABT16952 ...WD PACKAGE
SN74ABT16952 . . . DGG OR DL PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
1OEAB
1CLKAB
1CLKENAB
GND
1A1
1A2
VCC
1A3
1A4
1A5
GND
1A6
1A7
1A8
2A1
2A2
2A3
GND
2A4
2A5
2A6
VCC
2A7
2A8
GND
2CLKENAB
2CLKAB
2OEAB
1OEBA
1CLKBA
1CLKENBA
GND
1B1
1B2
VCC
1B3
1B4
1B5
GND
1B6
1B7
1B8
2B1
2B2
2B3
GND
2B4
2B5
2B6
VCC
2B7
2B8
GND
2CLKENBA
2CLKBA
2OEBA
Copyright
© 1997, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Widebus and EPIC-
ΙΙB are trademarks of Texas Instruments Incorporated.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


유사한 부품 번호 - SN74ABT16952DLRG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABT16952DLRG4 TI-SN74ABT16952DLRG4 Datasheet
342Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ABT16952DLRG4

제조업체부품명데이터시트상세설명
logo
Hitachi Semiconductor
HD74ALVCH162543 HITACHI-HD74ALVCH162543 Datasheet
58Kb / 12P
   16-bit Registered Transceivers with 3-state Outputs
HD74ALVCH16543 HITACHI-HD74ALVCH16543 Datasheet
57Kb / 13P
   16-bit Registered Transceivers with 3-state Outputs
logo
Texas Instruments
54ACT16543 TI-54ACT16543_07 Datasheet
322Kb / 12P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16543 TI-54ACT16543 Datasheet
179Kb / 10P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT16470 TI1-SN54ABT16470_08 Datasheet
338Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54AC16543 TI1-54AC16543 Datasheet
176Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16470 TI1-54ACT16470 Datasheet
164Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16544 TI-54ACT16544 Datasheet
153Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
54ACT16952 TI-54ACT16952 Datasheet
151Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
REVISED APRIL 1996
SN54ABT16543 TI-SN54ABT16543 Datasheet
139Kb / 13P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
74ACT16470 TI-74ACT16470 Datasheet
149Kb / 9P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com