전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LD05-20B03 데이터시트(PDF) 4 Page - MORNSUN Science& Technology Ltd.

부품명 LD05-20B03
상세설명  3-5W,AC-DC CONVERTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MORNSUN [MORNSUN Science& Technology Ltd.]
홈페이지  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.

LD05-20B03 데이터시트(HTML) 4 Page - MORNSUN Science& Technology Ltd.

  LD05-20B03 Datasheet HTML 1Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 2Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 3Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 4Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 5Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 6Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 7Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 8Page - MORNSUN Science& Technology Ltd. LD05-20B03 Datasheet HTML 9Page - MORNSUN Science& Technology Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MORNSUN reserves the copyright
Specifications subject to change without notice.
LD03-05
A/2-2008
Page 4 of 4
OUTLINE DIMENSIONS & PIN CONNECTIONS
LD03-10BXX
37.00
1
14
16
26
3.26
Bottom view
0.80
5.08
22
(1.46)
(0.13)
(0.20)
(0.03)
FOOTPRINT DETAILS
NC:No connection
PIN
FUNCTION
1
3
13
14
16
22
L
N
NC
-Vo
+Vo
+Vin(DC)
26
-Vin(DC)
RECOMMENDED FOOTPRINT
Top v iew,grid:2.54mm(0.1inch),
diameter:1.20mm(0.047inch)
First Angle Projection
3
13
3
13
1
14
16
26
22
Side view
Note:
Unit:mm( inc h)
Pin diameter:0.80 0.05mm
Pin tolerances: 0.25mm
General tolerances: 0.50mm
Wei ght: 25g
LD05-20BXX
Note:
Unit:mm(inch)
Pin diameter:1.00 0.10mm
General tolerances: 0.50mm
Weight: 35g
FOOTPRINT DETAILS
Bottom View
Pin
1
3
4
2
Function
N
L
+Vo
-Vo
1
2
3
4
1.00
Side View
(0.16)
RECOMMENDED FOOTPRINT
Top view,gr id:2.54mm(0.1inch),
diameter:1.60mm(0.063inch)
First Angle Projection
3
4
1
2


유사한 부품 번호 - LD05-20B03

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LD05-20B03 MORNSUN-LD05-20B03 Datasheet
398Kb / 7P
   5W, AC/DC converter
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
More results

유사한 설명 - LD05-20B03

제조업체부품명데이터시트상세설명
logo
MORNSUN Science& Techno...
LH05-10B03 MORNSUN-LH05-10B03_15 Datasheet
1Mb / 7P
   5W, AC-DC converter
LD05-20B05MU MORNSUN-LD05-20B05MU Datasheet
1Mb / 4P
   5W, AC/DC converter
LHE05-20A05 MORNSUN-LHE05-20A05 Datasheet
1Mb / 6P
   5W, AC-DC converter
LS05-15B03S MORNSUN-LS05-15B03S Datasheet
918Kb / 5P
   5W,AC-DC CONVERTER
LD05-20B03 MORNSUN-LD05-20B03_15 Datasheet
398Kb / 7P
   5W, AC/DC converter
LO05-12B03 MORNSUN-LO05-12B03 Datasheet
517Kb / 4P
   5W, AC-DC converter
LS05-26B03SS MORNSUN-LS05-26B03SS Datasheet
1Mb / 6P
   5W, AC/DC converter
LD05-23B03 MORNSUN-LD05-23B03_15 Datasheet
359Kb / 5P
   5W, AC-DC converter
LHE05-20B03 MORNSUN-LHE05-20B03 Datasheet
1Mb / 5P
   5W, AC-DC converter
LDE03-20B03 MORNSUN-LDE03-20B03 Datasheet
1Mb / 6P
   3W/5W, AC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com