전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSI-LXMP059YD-150 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 SSI-LXMP059YD-150
상세설명  585nM YELLOW RECTANGULAR LED PANEL INDICATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSI-LXMP059YD-150 데이터시트(HTML) 1 Page - LUMEX INC.

  SSI-LXMP059YD-150 Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - SSI-LXMP059YD-150

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSI-LXMP059YD LUMEX-SSI-LXMP059YD Datasheet
82Kb / 1P
   585nm YELLOW RECTANGULAR PANEL INDICATOR
More results

유사한 설명 - SSI-LXMP059YD-150

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSI-LXMP059YD LUMEX-SSI-LXMP059YD Datasheet
82Kb / 1P
   585nm YELLOW RECTANGULAR PANEL INDICATOR
SSI-LXH55YD LUMEX-SSI-LXH55YD Datasheet
55Kb / 1P
   5mm x 5mm 585nm YELLOW LED PANEL INDICATOR YELLOW DIFFUSED LENS
SSI-LXMP059SYD-150 LUMEX-SSI-LXMP059SYD-150 Datasheet
83Kb / 1P
   590nm ALLNGAP YELLOW RECTANGULAR LED PANEL INDICATOR
SSI-LXMP059SY66026 LUMEX-SSI-LXMP059SY66026 Datasheet
61Kb / 1P
   590mm AllGap Yellow RECTANGULAR LED PANEL INDICATOR
SSI-LXMP059ID-150 LUMEX-SSI-LXMP059ID-150 Datasheet
87Kb / 1P
   635nm RED RECTANGULAR LED PANEL INDICATOR
SSI-LXMP059HD-175 LUMEX-SSI-LXMP059HD-175 Datasheet
88Kb / 1P
   700mm RED RECTANGULAR LED PANEL INDICATOR
SSI-LXMP059ID66026 LUMEX-SSI-LXMP059ID66026 Datasheet
61Kb / 1P
   635mm RED RECTANGULAR LED PANEL INDICATOR
SSI-LXMP059ID-915 LUMEX-SSI-LXMP059ID-915 Datasheet
86Kb / 1P
   635mm RED RECTANGULAR LED PANEL INDICATOR
SSI-LXMP059GD-150 LUMEX-SSI-LXMP059GD-150 Datasheet
89Kb / 1P
   565nm GREEN RECTANGULAR LED PANEL INDICATOR
SSI-LXMP059HGW-150 LUMEX-SSI-LXMP059HGW-150 Datasheet
87Kb / 1P
   RED. GREEN RECTANGULAR LED PANEL INDICATOR
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com