전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL-LXA228USBCTR21 데이터시트(PDF) 1 Page - LUMEX INC.

부품명 SSL-LXA228USBCTR21
상세설명  470nm BLUE AXIAL LEADED LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMEX [LUMEX INC.]
홈페이지  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSL-LXA228USBCTR21 데이터시트(HTML) 1 Page - LUMEX INC.

  SSL-LXA228USBCTR21 Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


유사한 부품 번호 - SSL-LXA228USBCTR21

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LXA228USBCTR11 LUMEX-SSL-LXA228USBCTR11 Datasheet
62Kb / 1P
   AXIAL LED, GULL WING LEADS
SSL-LXA228USBCTR31 LUMEX-SSL-LXA228USBCTR31 Datasheet
67Kb / 1P
   470nm ULTRA SUPER BLUE, AXIAL LED
More results

유사한 설명 - SSL-LXA228USBCTR21

제조업체부품명데이터시트상세설명
logo
LUMEX INC.
SSL-LXA228USBCTR31 LUMEX-SSL-LXA228USBCTR31 Datasheet
67Kb / 1P
   470nm ULTRA SUPER BLUE, AXIAL LED
logo
List of Unclassifed Man...
MLB470-1330A ETC-MLB470-1330A Datasheet
32Kb / 2P
   470nm GaN Blue LED chip
logo
LUMEX INC.
SSL-LXA228GD-TR21 LUMEX-SSL-LXA228GD-TR21 Datasheet
68Kb / 1P
   Axial Leaded LED
logo
Marktech Corporate
MT134A MARKTECH-MT134A Datasheet
224Kb / 1P
   Axial Leaded LED Lamps
MT210-R MARKTECH-MT210-R Datasheet
29Kb / 1P
   AXIAL LEADED LED LAMPS
MT1302A MARKTECH-MT1302A Datasheet
200Kb / 1P
   Axial Leaded LED Lamps
MT144A-RG MARKTECH-MT144A-RG Datasheet
66Kb / 1P
   Axial Leaded LED Lamps
MT144AP-RG MARKTECH-MT144AP-RG Datasheet
39Kb / 1P
   Axial Leaded LED Lamps
logo
LUMEX INC.
SML-LX1610USBC LUMEX-SML-LX1610USBC Datasheet
57Kb / 1P
   10.60 x 10mm HIGH POWER LED, 470nm BLUE LED
SSL-LXA228SYC LUMEX-SSL-LXA228SYC Datasheet
52Kb / 1P
   T-2.5mm AXIAL LEADED LED
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com