전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ABTH25245DW 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ABTH25245DW
상세설명  25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ABTH25245DW 데이터시트(HTML) 1 Page - Texas Instruments

  SN74ABTH25245DW Datasheet HTML 1Page - Texas Instruments SN74ABTH25245DW Datasheet HTML 2Page - Texas Instruments SN74ABTH25245DW Datasheet HTML 3Page - Texas Instruments SN74ABTH25245DW Datasheet HTML 4Page - Texas Instruments SN74ABTH25245DW Datasheet HTML 5Page - Texas Instruments SN74ABTH25245DW Datasheet HTML 6Page - Texas Instruments SN74ABTH25245DW Datasheet HTML 7Page - Texas Instruments SN74ABTH25245DW Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SN54ABTH25245, SN74ABTH25245
25-
Ω OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SCBS251F – JUNE 1992 – REVISED MAY 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D State-of-the-Art EPIC-ΙΙB™ BiCMOS Design
Significantly Reduces Power Dissipation
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 500 mA Per
JEDEC Standard JESD-17
D Typical VOLP (Output Ground Bounce) < 1 V
at VCC = 5 V, TA = 25°C
D High-Impedance State During Power Up
and Power Down
D Designed to Facilitate Incident-Wave
Switching for Line Impedances of 25
Ω or
Greater
D Distributed VCC and GND Pin Configuration
Minimizes High-Speed Switching Noise
D Bus Hold on Data Inputs Eliminates the
Need for External Pullup/Pulldown
Resistors
D Package Options Include Plastic
Small-Outline (DW) Package, Ceramic Chip
Carriers (FK), and Standard Plastic (NT)
and Ceramic (JT) DIPs
description
The ’ABTH25245 are 25-
Ω octal bus transceivers
designed
for
asynchronous
communication
between data buses. They improve both the
performance and density of 3-state memory
address drivers, clock drivers, and bus-oriented
transceivers.
These
devices
allow
noninverted
data
transmission from the A bus to the B bus or from
the B bus to the A bus, depending on the logic level
at
the
direction-control
(DIR)
input.
The
output-enable (OE) input can disable the device
so that both buses are effectively isolated. When
OE is low, the device is active.
These transceivers are capable of sinking 188 mA of IOL current, which facilitates switching 25-Ω transmission
lines on the incident wave. The distributed VCC and GND pins minimize switching noise for more-reliable system
operation.
Active bus-hold circuitry is provided to hold unused or floating data inputs at a valid logic level.
Copyright
© 1997, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC-
ΙΙB is a trademark of Texas Instruments Incorporated.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
A1
GND
A2
A3
GND
A4
A5
GND
A6
A7
GND
A8
DIR
B1
B2
VCC
B3
B4
B5
B6
VCC
B7
B8
OE
SN54ABTH25245 . . . JT PACKAGE
SN74ABTH25245 . . . DW OR NT PACKAGE
(TOP VIEW)
32 1 28 27
12 13
5
6
7
8
9
10
11
25
24
23
22
21
20
19
OE
A8
GND
NC
A7
A6
GND
B3
VCC
B2
NC
B1
DIR
A1
426
14 15 16 17 18
SN54ABTH25245 . . . FK PACKAGE
(TOP VIEW)
NC – No internal connection


유사한 부품 번호 - SN74ABTH25245DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABTH25245DWE4 TI-SN74ABTH25245DWE4 Datasheet
296Kb / 10P
[Old version datasheet]   25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH25245DWG4 TI-SN74ABTH25245DWG4 Datasheet
296Kb / 10P
[Old version datasheet]   25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH25245DWR TI-SN74ABTH25245DWR Datasheet
296Kb / 10P
[Old version datasheet]   25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ABTH25245DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ABTH25245DWR TI-SN74ABTH25245DWR Datasheet
296Kb / 10P
[Old version datasheet]   25-W OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54BCT25245 TI1-SN54BCT25245_09 Datasheet
270Kb / 7P
[Old version datasheet]   25-OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620 Datasheet
128Kb / 12P
   Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
HD74HCT245 HITACHI-HD74HCT245 Datasheet
57Kb / 8P
   Octal Bus Transceivers (with 3-state outputs)
logo
Texas Instruments
SN54HC245 TI-SN54HC245 Datasheet
533Kb / 16P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ALS640B TI-SN54ALS640B Datasheet
112Kb / 7P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ACT245 TI-SN54ACT245 Datasheet
509Kb / 15P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN54ABT640 TI-SN54ABT640 Datasheet
107Kb / 6P
[Old version datasheet]   OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com