전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADC-207MM-QL 데이터시트(PDF) 2 Page - Murata Power Solutions Inc.

부품명 ADC-207MM-QL
상세설명  7-Bit, 20MHz, CMOS Flash A/D Converters
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA-PS [Murata Power Solutions Inc.]
홈페이지  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADC-207MM-QL 데이터시트(HTML) 2 Page - Murata Power Solutions Inc.

  ADC-207MM-QL Datasheet HTML 1Page - Murata Power Solutions Inc. ADC-207MM-QL Datasheet HTML 2Page - Murata Power Solutions Inc. ADC-207MM-QL Datasheet HTML 3Page - Murata Power Solutions Inc. ADC-207MM-QL Datasheet HTML 4Page - Murata Power Solutions Inc. ADC-207MM-QL Datasheet HTML 5Page - Murata Power Solutions Inc. ADC-207MM-QL Datasheet HTML 6Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PHYSICAL/ENVIRONMENTAL
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case:
LC/MC Versions
0
+70
°C
MM/LM/QL Versions
–55
+125
°C
Storage Temp. Range
–65
+150
°C
Package Type
DIP
18-pin ceramic DIP
LCC
24-pin ceramic LCC
Functional Specifications
(Typical at +5V power, +25°C, 20MHz clock, +REFERENCE = +5V,
–REFERENCE = ground, unless noted)
ANALOG INPUT
MIN.
TYP.
MAX.
UNITS
Input Type
Single-ended, non-isolated
Input Range (dc-20MHz)
0
+5
Volts
Input Impedance
1000
Ohms
Input Capacitance (Full Range)
10
pF
DIGITAL INPUTS
Logic Levels
Logic "1"
+3.2
Volts
Logic "0"
+0.8
Volts
Logic Loading "1"
±1
±5
microamps
Logic Loading "0"
±1
±5
microamps
Sample Pulse Width
(During Sampling Portion of Clock)
12
ns
Reference Ladder Resistance
225
330
Ohms
PERFORMANCE
Conversion Rate
20
25
MHz
Harmonic Distortion
(8MHz 2nd Order Harmonic)
–40
dB
Differential Gain
3
%
Differential Phase
1.5
degrees
Aperture Delay
8
ns
Aperture Jitter
50
ps
No Missing Codes
LC/MC grade
0
+70
°C
LM/MM grade
–55
+125
°C
Integral Linearity
±0.8
±1
LSB
Over Temperature Range
±1
LSB
Differential Nonlinearity
±0.3
±0.5
LSB
Over Temperature Range
±0.4
±0.6
LSB
Power Supply Rejection
±0.02
%FSR/%Vs
DIGITAL OUTPUTS
Data Coding
Straight binary
Data Output Resolution
7
Bits
Logic Levels
Logic "1"
+2.4
+4.5
Volts
Logic "0" (at 1.6mA)
+0.4
Volts
Logic Loading "1"
–4
mA
Logic Loading "0"
+4
mA
Output Data Valid Delay
(From Rising Edge)
15
17
ns
POWER REQUIREMENTS
Power Supply Range (+VDD)
+3.0
+5.0
+5.5
Volts
Power Supply Current
+50
+70
mA
Power Dissipation
250
385
mW
Footnotes:
➀ At full power input and chip selects enabled.
➁ At 4MHz input and 20MHz clock.
➂ For 10-step, 40 IRE NTSC ramp test.
➃ Adjustable using reference ladder midpoint tap. See ADC-207 Operation.
(MSB)
0.1µF
0.1µF
4.7µF
0.01µF
+5V
+15
+
+
–15
47µF
11
12
10
5
HA-5033
10
W
+5V
20MHz
CLOCK
(LSB)
B7
B6
B5
B4
B3
B2
B1
OF
OF
B1
B2
B3
B4
B5
B6
B7
+VDD
CS2
CS1
+REFERENCE
MID
VIN
–REFERENCE
DIGITAL GND
ANALOG GND
CLOCK
18
1
2
3
4
5
6
7
8
9
0.1µF
+
47µF
17
16
15
14
13
12
11
10
PARAMETERS
LIMITS
UNITS
Power Supply Voltage (+VDD)
–0.5 to +7
Volts
Digital Inputs
–0.5 to +5.5
Volts
Analog Input
–0.5 to (+VDD +0.5)
Volts
Reference Inputs
–0.5 to +VDD
Volts
Digital Outputs
–0.5 to +5.5
Volts
(short circuit protected to ground)
Lead Temperature (10 sec. max.)
+300
°C
ABSOLUTE MAXIMUM RATINGS
Figure 2. Typical Connections for Using the ADC-207
TECHNICAL NOTES
1. Input Buffer Amplifier – Since the ADC-207 has a switched capacitor type input, the input
impedance of the 207 is dependent on the clock frequency. At relatively slow conversion rates,
a general purpose type input buffer can be used; at high conversion rates DATEL recommends
either the HA-5033 or Elantec 2003. See Figure 2 for typical connections.
2. Reference Ladder – Adjusting the voltage at +REFERENCE adjusts the gain of the ADC-207.
Adjusting the voltage at –REFERENCE adjusts the offset or zero of the ADC-207. The midpoint
pin is usually bypassed to ground through a 0.1µF capacitor, although it can be tied to a precision
voltage halfway between +REFERENCE and –REFERENCE. This would improve integral linearity
beyond 7 bits.
3. Clock Pulse Width – To improve performance at Nyquist bandwidths, the clock duty cycle can
be adjusted so that the low portion of the clock pulse is 12ns wide. The smaller aperture allows
the ADC-207 to closely resemble an ideal sampler. See Figure 4.
4. At sampling rates less than 100kHz, there may be some degradation in offset and differential
nonlinearity. Performance may be improved by increasing the clock duty cycle (decreasing the
time spent in the sample mode).
CAUTION
Since the ADC-207 is a CMOS device, normal precautions against static electricity should be
taken. Use ground straps, grounded mats, etc. The Absolute Maximum Ratings of the device
MUST NOT BE EXCEEDED as irrevocable damage to the ADC-207 will occur.


유사한 부품 번호 - ADC-207MM-QL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ADC-207MM-QL ETC-ADC-207MM-QL Datasheet
212Kb / 6P
   7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
logo
DATEL, Inc.
ADC-207MM-QL DATEL-ADC-207MM-QL Datasheet
103Kb / 1P
   CMOS Flash A/D
ADC-207MM-QL-C DATEL-ADC-207MM-QL-C Datasheet
103Kb / 1P
   CMOS Flash A/D
More results

유사한 설명 - ADC-207MM-QL

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
ADC-207 ETC-ADC-207 Datasheet
212Kb / 6P
   7- BIT 20MHZ CMOS FLASH A/D CONVERTERS
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
Murata Power Solutions ...
ADC-305 MURATA-PS-ADC-305 Datasheet
234Kb / 6P
   8-Bit, 20MHz CMOS A/D Converters
logo
List of Unclassifed Man...
ADC-304 ETC-ADC-304 Datasheet
152Kb / 5P
   8-Bit, 20MHz, Low-Power Flash A/D Converters
ADC-228 ETC-ADC-228 Datasheet
143Kb / 4P
   8-Bit, 20MHz, Complete 8-Bit, 20MHz, Complete Flash A/D Converter
logo
Murata Power Solutions ...
ADC-228A MURATA-PS-ADC-228A Datasheet
177Kb / 4P
   8-Bit, 20MHz, Complete Flash A/D Converter
logo
List of Unclassifed Man...
ADS-238Q ETC1-ADS-238Q Datasheet
83Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
Murata Power Solutions ...
ADS-238Q MURATA-PS-ADS-238Q Datasheet
85Kb / 7P
   12-Bit, 20MHz, Low Power Sampling A/D Converters
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
   CMOS 8-bit A/D converters
2002 Oct 17
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com