전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TEA152X 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 TEA152X
상세설명  SMPS ICs for low-power systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA152X 데이터시트(HTML) 2 Page - NXP Semiconductors

  TEA152X Datasheet HTML 1Page - NXP Semiconductors TEA152X Datasheet HTML 2Page - NXP Semiconductors TEA152X Datasheet HTML 3Page - NXP Semiconductors TEA152X Datasheet HTML 4Page - NXP Semiconductors TEA152X Datasheet HTML 5Page - NXP Semiconductors TEA152X Datasheet HTML 6Page - NXP Semiconductors TEA152X Datasheet HTML 7Page - NXP Semiconductors TEA152X Datasheet HTML 8Page - NXP Semiconductors TEA152X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TEA152X_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 March 2009
2 of 17
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
3.
Applications
I Chargers
I Adapters
I Set Top Box (STB)
I DVD
I CD(R)
I TV/monitor standby supplies
I PC peripherals
I Microcontroller supplies in home applications and small portable equipment, etc.
4.
Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Vdrain
drain voltage (DMOS power
transistor)
Tj >0 °C
−0.4
-
+650
V
RDSon
drain-source on-state
resistance
TEA1520x
Isource = −0.06 A
Tj =25 °C
-
48
55.2
Tj = 100 °C
-
68
78.2
TEA1521x
Isource = −0.125 A
Tj =25 °C
-
24
27.6
Tj = 100 °C
-
34
39.1
TEA1522x
Isource = −0.25 A
Tj =25 °C
-
12
13.8
Tj = 100 °C
-
17
19.6
TEA1523P
Isource = −0.50 A
Tj =25 °C
-
6.5
7.5
Tj = 100 °C
-
9.0
10.0
VCC
supply voltage
continuous
−0.4
-
+40
V
fosc
oscillator frequency
10
100
200
kHz
Idrain
current on pin DRAIN
Vdrain >60V;
no auxiliary supply
-
1.5
2
mA
Tamb
ambient temperature
−40
-
+85
°C


유사한 부품 번호 - TEA152X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA152X NXP-TEA152X Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152XAJM PHILIPS-TEA152XAJM Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA152XP PHILIPS-TEA152XP Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA152XT PHILIPS-TEA152XT Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
More results

유사한 설명 - TEA152X

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X NXP-TEA152X Datasheet
103Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P-N2112 PHILIPS-TEA1523P-N2112 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com