전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADCDS-1603 데이터시트(PDF) 5 Page - Murata Power Solutions Inc.

부품명 ADCDS-1603
상세설명  16-Bit, 2.3 Megapixels/Second CCD Signal Processor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA-PS [Murata Power Solutions Inc.]
홈페이지  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADCDS-1603 데이터시트(HTML) 5 Page - Murata Power Solutions Inc.

  ADCDS-1603 Datasheet HTML 1Page - Murata Power Solutions Inc. ADCDS-1603 Datasheet HTML 2Page - Murata Power Solutions Inc. ADCDS-1603 Datasheet HTML 3Page - Murata Power Solutions Inc. ADCDS-1603 Datasheet HTML 4Page - Murata Power Solutions Inc. ADCDS-1603 Datasheet HTML 5Page - Murata Power Solutions Inc. ADCDS-1603 Datasheet HTML 6Page - Murata Power Solutions Inc. ADCDS-1603 Datasheet HTML 7Page - Murata Power Solutions Inc. ADCDS-1603 Datasheet HTML 8Page - Murata Power Solutions Inc. ADCDS-1603 Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
MDA_ADCDS-1603.E06 Page 5 of 11
Fine Gain Adjustment
For fine gain adjustment model, contact the factory.
Output Coding
The ADCDS-1603's output coding is Straight Binary as indicated in
Table 1. The table shows the relationship between the output data
coding and the difference between the reference signal voltage and
its corresponding pixel data signal voltage.
Optimal Performance
Disturbances to the system while the A/D is undergoing a conversion
can result in degradation of performance. It is therefore recommended
that both digital and analog signals (including the Reference/Pixel data
inputs to the ADCDS) not be allowed to switch during a time window of
150ns to 300ns following the rising edge of the Start Convert command
when operating in the 0°C to 70°C temperature range, and from 140ns
to 320ns for the extended temperature range. See timing Figure 7
"A/D Critical Conversion Window."
The max conversion rate of 2.3MHz for the ADCDS-1603 is dictated by
the settling time of the input circuitry and the conversion time require-
ment of the A/D converter. Switching the analog input from Reference
to pixel data 300ns after the rising edge of Start Convert allows a suf-
ficient amount of settling time (approx. 130ns) for the pixel data input
signal to settle to the 16 bit accuracy. In the unique application where
the Reference to Pixel data signal is presented to the ADCDS-1603 prior
to the 120ns to 300ns restriction it may be possible to increase the
ADCDS-1603 conversion rate up to 3MHz.
Note: At initial power-up, the first 186 conversions should be ignored.
Table 1. Output Coding
Reference – Pixel Data
(V)
Scale
Digital Output
>+2.048
2.048
1.536
1.024
0.512
0.256
0.00003125
0
<0
>Full Scale
Full Scale -1LSB
3/4FS
1/2FS
1/4FS
1/8FS
1LSB
0
<0
1111 1111 1111 1111
1111 1111 1111 1110
11 0000 0000 0000
10 0000 0000 0000
01 0000 0000 0000
00 1000 0000 0000
00 0000 0000 0001
00 0000 0000 0000
0000 0000 0000 0000
Resultant signal from internal CDS (Input to A/D). Assumes Input Amplifier gain set properly.
See "Modes of Operation" section.
The pixel data portion of the differential signal must be more negative than its associated
reference level and VOUT should not exceed +2.048V DC
.
+5VD
–5VA
34
38
5
4
3
23
22
21
20
19
18
17
16
15
14
13
12
11
10
BIT 1 (MSB)
BIT 2
BIT 3
BIT 4
BIT 5
BIT 6
BIT 7
BIT 8
BIT 9
BIT 10
BIT 11
BIT 12
BIT 13
BIT 14
27
+2.048V REFERENCE OUT
DATA VALID
ADCDS-1603
4.7μF
0.1μF
4.7μF
0.1μF
ANALOG GROUND
NON-INVERTING INPUT
INVERTING INPUT
DIRECT INPUT
+5VA
36
7, 35, 37
4.7μF
0.1μF
26
25
REF. HOLD
START CONVERT
2
6
20K
+5V
–5V
OFFSET ADJUST
External Series
Resistor
32, 33 DIGITAL GROUND
30
31
A1
A0
BIT 15
BIT 16 (LSB)
9
8
0.1μF
0.1μF
0.1μF
4.7μF
See
Figures
2a–2f
Figure 6. ADCDS-1603 Connection Diagram
ADCDS-1603
16-Bit, 2.3 Megapixels/Second
CCD Signal Processor
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


유사한 부품 번호 - ADCDS-1603

제조업체부품명데이터시트상세설명
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
ADCDS-1603-C DATEL-ADCDS-1603-C Datasheet
100Kb / 1P
   Electronic Imaging
ADCDS-1603-C DATEL-ADCDS-1603-C Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
ADCDS-1603EX DATEL-ADCDS-1603EX Datasheet
100Kb / 1P
   Electronic Imaging
ADCDS-1603EX DATEL-ADCDS-1603EX Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
More results

유사한 설명 - ADCDS-1603

제조업체부품명데이터시트상세설명
logo
DATEL, Inc.
ADCDS-1603 DATEL-ADCDS-1603 Datasheet
696Kb / 15P
   16-Bit, 2.3 Megapixels/Second CCD Image Converter
logo
Murata Power Solutions ...
ADCDS-1410 MURATA-PS-ADCDS-1410 Datasheet
519Kb / 9P
   14-Bit, 10 Megapixels/Second, CCD Signal Processor
ADCDS-1405 MURATA-PS-ADCDS-1405 Datasheet
526Kb / 9P
   14-Bit, 5 Megapixels/Second, CCD Signal Processor
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Holtek Semiconductor In...
HT82V16 HOLTEK-HT82V16 Datasheet
139Kb / 12P
   16-Bit CCD/CIS Analog Signal Processor
HT82V26A HOLTEK-HT82V26A_12 Datasheet
176Kb / 17P
   16-Bit CCD/CIS Analog Signal Processor
HT82V36 HOLTEK-HT82V36 Datasheet
123Kb / 10P
   16-Bit CCD/CIS Analog Signal Processor
HT82V38 HOLTEK-HT82V38 Datasheet
137Kb / 16P
   16-Bit CCD/CIS Analog Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com