전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZ2403SA 데이터시트(PDF) 2 Page - XP Power Limited

부품명 IZ2403SA
상세설명  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited

IZ2403SA 데이터시트(HTML) 2 Page - XP Power Limited

  IZ2403SA Datasheet HTML 1Page - XP Power Limited IZ2403SA Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
03-Jun-08
Input Voltage
No Load Input
Current
(1)
Full Load Input
Current
(1)
Output Voltage
Output Current
Efficiency
Max Capactive
Load
Model Number
(2)
4.5-9.0 V
65 mA
640 mA
3.3 V
700 mA
74%
2000 µF
IZ0503SA
70 mA
800 mA
5.0 V
600 mA
76%
1000 µF
IZ0505SA
75 mA
750 mA
12.0 V
250 mA
82%
470 µF
IZ0512SA
75 mA
750 mA
15.0 V
200 mA
82%
220 µF
IZ0515SA
90 mA
800 mA
±5.0 V
±300 mA
77%
±470 µF
IZ0505S
90 mA
760 mA
±12.0 V
±125 mA
81%
±220 µF
IZ0512S
90 mA
750 mA
±15.0 V
±100 mA
82%
±100 µF
IZ0515S
9.0-18.0 V
25 mA
260 mA
3.3 V
700 mA
76%
2000 µF
IZ1203SA
15 mA
320 mA
5.0 V
600 mA
81%
1000 µF
IZ1205SA
35 mA
305 mA
12.0 V
250 mA
84%
470 µF
IZ1212SA
35 mA
305 mA
15.0 V
200 mA
84%
220 µF
IZ1215SA
45 mA
320 mA
±5.0 V
±300 mA
80%
±470 µF
IZ1205S
45 mA
308 mA
±12.0 V
±125 mA
83%
±220 µF
IZ1212S
45 mA
312 mA
±15.0 V
±100 mA
82%
±100 µF
IZ1215S
18.0-36.0 V
15 mA
133 mA
3.3 V
700 mA
74%
2000 µF
IZ2403SA
15 mA
160 mA
5.0 V
600 mA
79%
1000 µF
IZ2405SA
20 mA
156 mA
12.0 V
250 mA
82%
470 µF
IZ2412SA
20 mA
152 mA
15.0 V
200 mA
84%
220 µF
IZ2415SA
20 mA
160 mA
±5.0 V
±300 mA
80%
±470 µF
IZ2405S
20 mA
154 mA
±12.0 V
±125 mA
83%
±220 µF
IZ2412S
20 mA
154 mA
±15.0 V
±100 mA
83%
±100 µF
IZ2415S
36.0-72.0 V
10 mA
66 mA
3.3 V
700 mA
75%
2000 µF
IZ4803SA
10 mA
82 mA
5.0 V
600 mA
78%
1000 µF
IZ4805SA
15 mA
78 mA
12.0 V
250 mA
81%
470 µF
IZ4812SA
15 mA
78 mA
15.0 V
200 mA
81%
220 µF
IZ4815SA
15 mA
82 mA
±5.0 V
±300 mA
78%
±470 µF
IZ4805S
20 mA
80 mA
±12.0 V
±125 mA
80%
±220 µF
IZ4812S
15 mA
78 mA
±15.0 V
±100 mA
81%
±100 µF
IZ4815S
Mechanical Details
0.86
(21.85)
0.42
(10.66)
0.02
(0.50)
0.10
(2.54)
0.70
(17.78)
0.12
(3.05)
0.44
(11.10)
0.36
(9.20)
0.36
(9.20)
0.14
(3.50)
0.02
(0.50)
0.01
(0.25)
1
2
3
5
67 8
0.86
(21.85)
0.42
(10.60)
0.02
(0.50) 0.10
(2.54)
0.12
(3.05)
0.70
(17.78)
0.36
(9.20)
0.44
(11.10)
Printed Face
0.01
(0.25)
0.02
(0.50)
0.36
(9.20)
0.14
(3.50)
1 2
3
56
7 8
Bottom View
PIN CONNECTIONS
Pin
Single
Dual
1
-V Input
-V Input
2
+V Input
+V Input
3
Remote On/Off Remote On/Off
5
N.C.
N.C.
6
+V Output
+V Output
7
-V Output
Common
8
NC
-V Output
Dimensions are in inches (mm)
Weight: Plastic case = 4.5 g
Metal case = 6.5 g
SIP Package - Non-conductive Plastic Case
SIP Package - Nickel Coated Copper Case
IZ
Models and Ratings
Notes
1. Measured at nominal input voltage.
2. For optional metal case, add suffix ‘-M’ to model number.
3. Minimum load of 25% required to meet quoted specifications.


유사한 설명 - IZ2403SA

제조업체부품명데이터시트상세설명
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com