전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M4S3U6ME4 데이터시트(PDF) 4 Page - XP Power Limited

부품명 M4S3U6ME4
상세설명  AC-DC Power Supplies
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  XPPOWER [XP Power Limited]
홈페이지  http://www.xppower.com
Logo XPPOWER - XP Power Limited

M4S3U6ME4 데이터시트(HTML) 4 Page - XP Power Limited

  M4S3U6ME4 Datasheet HTML 1Page - XP Power Limited M4S3U6ME4 Datasheet HTML 2Page - XP Power Limited M4S3U6ME4 Datasheet HTML 3Page - XP Power Limited M4S3U6ME4 Datasheet HTML 4Page - XP Power Limited M4S3U6ME4 Datasheet HTML 5Page - XP Power Limited M4S3U6ME4 Datasheet HTML 6Page - XP Power Limited M4S3U6ME4 Datasheet HTML 7Page - XP Power Limited M4S3U6ME4 Datasheet HTML 8Page - XP Power Limited M4S3U6ME4 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
LP-MD
Preconfigured Models - Medical
1. Medical versions shown include EMC class B fan assembly.
Notes
Model Number Example - Medical (M) Versions
M3
S3
T1
ME3
01
Chassis Power
Module Position 2
Module Position 1
Fan Assembly Style
Parallel Option
Choose the chassis code first:
M3 = 250 W Chassis
M4 = 350 W Chassis
M5 = 450 W Chassis
Add any
or
module
e.g. S3 = Single 5 V
Add any
or
module
e.g. T1 = Triple 5 V/12 V/12 V
Add fan cover assembly.
e.g. ME3 = End fan assembly
for 250 W chassis
Leave blank for open U-channel
Add parallel option if required
2 x S module 1.8-15 V = 01
2 x S module 24-48 V = 02
Leave blank if not required
M3 Model
FE(x) End Fan
Screw terminal AC connections Class A
NOTE:
Model number format and module position may change
dependent on module configuration chosen.
Connector kits available. Order part number LP CONN KIT.
Fan Assemblies
Alternative fan assemblies are available. Consult sales for details.
Top Fan. Molex header AC connections
End Fan. IEC AC connections. Class A
Output
Power Max
Output 1
Output 2
Output 3
Output 4
Medical Version
Model Number
250 W
5.0 V @ 50 A
M3S3ME3
12.0 V @ 20 A
M3S4ME3
24.0 V @ 10 A
M3S6ME3
48.0 V @
5 A
M3S9ME3
350 W
5.0 V @ 50 A
5.0 V @ 50 A
M4S3S3ME4
12.0 V @ 20 A
12.0 V @ 20 A
M4S4S4ME4
5.0 V @ 50 A
3.3 V @ 40 A
12.0 V (4.8-16.0 V) @ 4 A
M4S3U6ME4
5.0 V @ 50 A
12.0 V @ 10 A
12.0 V (4.8-16.0 V) @ 4 A
5.0 V (4.8-16.0 V) @ 4.0 A
M4S3T6ME4
450 W
12.0 V @ 20 A
12.0 V @ 20 A
M5S4S4ME5
5.0 V @ 50 A
3.3 V @ 40 A
12.0 V (4.8-16.0 V) @ 4 A
M5S3U6ME5
5.0 V @ 50 A
12.0 V @ 10 A
12.0 V (4.8-16.0 V) @ 4 A
5.0 V (4.8-16.0 V) @ 4.0 A
M5S3T6ME5
3.3 V @ 40 A
5.0 V @ 40 A
12.0 V (4.8-16.0 V) @ 4 A
24.0 V (19.0-28.0 V) @ 2.5 A
M5U4U6ME5
End Fan. IEC Dual-fused and switched
AC connections. Class B
ME(x) End Fan
Screw terminal AC connections Class B


유사한 부품 번호 - M4S3U6ME4

제조업체부품명데이터시트상세설명
logo
Winchester Electronics ...
M4S32 WINCHESTER-M4S32 Datasheet
109Kb / 1P
   COMPOSITE OUTLINE ASSY
logo
DB Lectro Inc
M4S3H DBLECTRO-M4S3H Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HA DBLECTRO-M4S3HA Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HAW DBLECTRO-M4S3HAW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
M4S3HW DBLECTRO-M4S3HW Datasheet
149Kb / 2P
   DIL Pitch Terminals High Sensitivity Relay
More results

유사한 설명 - M4S3U6ME4

제조업체부품명데이터시트상세설명
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com