전자부품 데이터시트 검색엔진 |
|
SMM400PS27 데이터시트(PDF) 2 Page - XP Power Limited |
|
SMM400PS27 데이터시트(HTML) 2 Page - XP Power Limited |
2 / 4 page Mechanical Details SMM-C Models and Ratings Output Voltage (1) Total Output Power Maximum Output Current Model Number (2,3,4,5) V1 V2 3.3 V 198 W 60.00 A SMM400PS03-C† 5.0 V 300 W 60.00 A SMM400PS05-C† 12.0 V 400 W 33.34 A SMM400PS12-C† 15.0 V 400 W 26.60 A SMM400PS15-C† 18.0 V 400 W 22.20 A SMM400PS18-C 24.0 V 400 W 16.70 A SMM400PS24-C† 27.0 V 400 W 14.80 A SMM400PS27-C 36.0 V 400 W 11.10 A SMM400PS36-C 48.0 V 400 W 8.30 A SMM400PS48-C† 54.0 V 400 W 7.40 A SMM400PS54-C 3.3 V/12.0 V 300 W 40.00 A 25.00 A SMM400PD21-C 3.3 V/24.0 V 300 W 40.00 A 12.50 A SMM400PD22-C 5.0 V/12.0 V 300 W 40.00 A 25.00 A SMM400PD23-C 5.0 V/24.0 V 300 W 40.00 A 12.50 A SMM400PD24-C 12.0 V/24.0 V 400 W 25.00 A 12.50 A SMM400PD25-C Notes 1. Other output voltages available. Contact sales. 2. Standard input is screw terminal. For optional IEC320 input and on/off switch, add suffix ‘-D’ to model number. 3. Standard output is screw terminal. For optional Molex output connector, add suffix ‘-G’ to model number. 4. For current share option, add suffix ‘-I’ to model number (remote sense not available). This option also adds internal block diodes. 5. For AC fail option, add suffix ‘-L’ to model number (single output only). UVLO function is disabled. Output is low when input is <80 VAC, high (5 V) if input is >86 VAC. 6. When ordering place option suffixes in alphabetical order, e.g. SMM400PS24-CDI. B C B C C B C B B C C B B B C C 9.01 (228.6) AC Inlet STANDARD ‘-D’ OPTION 0.80 (20.3) 0.80 (20.3) 1.25 (31.8) 1.25 (31.8) 0.50 (12.7) 1.50 (38.1) 1.50 (38.1) 1.60 (40.6) TERMINAL BLOCK M3 SCREW 3PINS 8.25mm CENTER 0.88 (22.2) 7.01 (177.8) 7.01 (177.8) TERMINAL BLOCK M3.5 SCREW 6PINS 9.5mm CENTER V2 RS+ RS- REM ON/OFF PG RS+ RS- REM ON/OFF PG ACF* RTN RTN CSH CMN RTN Single Dual V1 RTN V1 V2 TERMINAL BLOCK M3.5 SCREW 6PINS 9.5mm CENTER ‘-G’ OPTION ‘-G’ OPTION Mating Connectors Signal Connector (Single): JST XHP-9 Signal Connector (Dual): JST XHP-5 Fan Connector: JST XHP-2 Crimp Terminals: SXH-002-P0.6 ‘-G’ Optional Output: Molex No. 09-91-1600 Crimps: Molex Series 6838 All dimensions in inches (mm). Weight: 2.20 lbs (1.0 kg). Max Screw Penetration: 0.15 (3.81) on bottom, 0.25 (6.35) on sides. † Available from Farnell. See pages 204-206. |
유사한 부품 번호 - SMM400PS27 |
|
유사한 설명 - SMM400PS27 |