전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CSD-1401MC 데이터시트(PDF) 2 Page - Murata Power Solutions Inc.

부품명 CSD-1401MC
상세설명  14-Bit, Fast-Settling Correlated Double Sampling Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA-PS [Murata Power Solutions Inc.]
홈페이지  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CSD-1401MC 데이터시트(HTML) 2 Page - Murata Power Solutions Inc.

  CSD-1401MC Datasheet HTML 1Page - Murata Power Solutions Inc. CSD-1401MC Datasheet HTML 2Page - Murata Power Solutions Inc. CSD-1401MC Datasheet HTML 3Page - Murata Power Solutions Inc. CSD-1401MC Datasheet HTML 4Page - Murata Power Solutions Inc. CSD-1401MC Datasheet HTML 5Page - Murata Power Solutions Inc. CSD-1401MC Datasheet HTML 6Page - Murata Power Solutions Inc. CSD-1401MC Datasheet HTML 7Page - Murata Power Solutions Inc. CSD-1401MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
CDS-1401
®
®
PARAMETERS
MIN.
TYP.
MAX.
UNITS
Operating Temp. Range, Case
CDS-1401MC
0
+70
°C
CDS-1401MM
–55
+125
°C
Thermal Impedance
θjc
5
°C/W
θca
22
°C/W
Storage Temperature Range
–65
+150
°C
Package Type
24-pin, metal-sealed, ceramic DDIP
Weight
0.42 ounces(12 grams)
+25°C
0 to +70°C
–55 to +125°C
ANALOG INPUTS Œ
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
UNITS
Input Voltage Range
±10
±10
±10
Volts
Input Resistance
1000
1000
1000
Ohms
Input Capacitance
—7
15
—7
15
—7
15
pF
DIGITAL INPUTS
Logic Levels
Logic "1"
+2
+2
+2
Volts
Logic "0"
+0.8
+0.8
+0.8
Volts
Logic Loading "1"
+10
+10
+10
µA
Logic Loading "0"
–10
–10
–10
µA
PERFORMANCE
Sample Mode Offset Error - S/H1
±1
±10
±2
±10
±4
±10
mV
Gain Error - S/H1
±0.2
±1
±0.25
±1
±0.3
±1.5
%
Pedestal - S/H1
±15
±35
±15
±35
±15
±35
mV
Sample Mode Offset Error - S/H2
±1
±10
±2
±10
±4
±10
mV
Gain Error - S/H2
±0.2
±1
±0.25
±1
±0.3
±1.5
%
Pedestal - S/H2
±15
±35
±15
±35
±15
±35
mV
Sample Mode Offset Error - CDS
±1
±10
±2
±10
±4
±10
mV
Differential Gain Error - CDS
±0.25
±1
±0.3
±1
±0.35
±1.5
%
Pedestal - CDS
±15
±35
±15
±35
±15
±35
mV
Pixel Rate (14-bit settling) 
1.25
1.25
1.25
MHz
Input Bandwidth, ±5V
Small Signal (–20dB input)
7
7
7
MHz
Large Signal (–0.5dB input)
5
5
5
MHz
Slew Rate
±80
±80
±80
V/µs
Aperture Delay Time
—10
—10
—10
ns
Aperture Uncertainty
—5—
5—
—5—
ps rms
S/H Acquisition Time 
(to ±0.003%, 10V step)
340
400
350
400
350
400
ns
Hold Mode Settling Time
(to ±0.15mV)
TBD
TBD
TBD
ns
Noise
200
200
200
µVr ms
Feedthrough Rejection
—72
—72
—72
dB
Overvoltage Recovery Time
400
400
400
ns
S/H Saturation Voltage
±12.5
±12.5
±12.5
Volts
Droop Rate
±0.004
±0.02
±0.4
±2
±0.8
±4
mV/µs
ANALOG OUTPUTS Ž
Output Voltage Range
±10
±10
±10
Volts
Output Impedance
0.5
0.5
0.5
Ohms
Output Current
±20
±20
±20
mA
DIGITAL OUTPUTS
Logic Levels
Logic "1"
+3.9
+3.9
+3.9
Volts
Logic "0"
+0.4
+0.4
+0.4
Volts
Logic Loading "1"
–4
–4
–4
mA
Logic Loading "0"
+4
+4
+4
mA
ABSOLUTE MAXIMUM RATINGS
PARAMETERS
LIMITS
UNITS
+15V Supply (Pin 24)
0 to +16
Volts
–15V Supply (Pin 13)
0 to –16
Volts
+5V Supply (Pin 16)
0 to +6
Volts
Digital Inputs (Pins 11, 12)
–0.3 to +VDD +0.3
Volts
Analog Inputs (Pins 3, 4)
±12
Volts
Lead Temp. (10 seconds)
300
°C
ΠPins 3 and 4.
 See Figure 4 for relationship between input voltage, accuracy, and acquisition time.
Ž Pins 6 and 22.
FUNCTIONAL SPECIFICATIONS
(TA = +25°C, ±Vcc = ±15V, +VDD = +5V, pixel rate = 1.25MHz, and a minimum warmup time of two minutes unless otherwise noted.)
PHYSICAL/ENVIRONMENTAL


유사한 부품 번호 - CSD-1401MC

제조업체부품명데이터시트상세설명
logo
Merrimac Industries, In...
CSD-10H-0.9G MERRIMAC-CSD-10H-0.9G Datasheet
180Kb / 5P
   DIRECTIONAL COUPLERS
CSD-10H-1.5G MERRIMAC-CSD-10H-1.5G Datasheet
147Kb / 2P
   DIRECTIONAL COUPLER
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
CSD-10K-0.75G MERRIMAC-CSD-10K-0.75G Datasheet
152Kb / 5P
   DIRECTIONAL COUPLER
CSD-10M-3G MERRIMAC-CSD-10M-3G Datasheet
190Kb / 2P
   DIRECTIONAL COUPLER
More results

유사한 설명 - CSD-1401MC

제조업체부품명데이터시트상세설명
logo
DATEL, Inc.
CDS-1401 DATEL-CDS-1401 Datasheet
290Kb / 9P
   14-Bit, Fast-Settling Correlated Double Sampling Circuit
logo
Murata Power Solutions ...
CDS-1402 MURATA-PS-CDS-1402 Datasheet
205Kb / 8P
   14-Bit, Very Fast Settling Correlated Double Sampling Circuit
logo
DATEL, Inc.
CDS-1402 DATEL-CDS-1402 Datasheet
247Kb / 9P
   14-Bit, Very Fast-Settling Correlated Double Sampling Circuit
logo
List of Unclassifed Man...
CDS-1402 ETC1-CDS-1402 Datasheet
203Kb / 8P
   14-Bit, Very Fast Settling Correlated Double Sampling Circuit
logo
Panasonic Semiconductor
AN2011S PANASONIC-AN2011S Datasheet
18Kb / 1P
   Correlated Double Sampling IC
AN2018S PANASONIC-AN2018S Datasheet
28Kb / 3P
   Correlated Double Sampling IC
logo
Analog Devices
AD9823 AD-AD9823_15 Datasheet
408Kb / 8P
   Correlated Double Sampler
REV. 0
logo
National Semiconductor ...
CLC402 NSC-CLC402 Datasheet
394Kb / 6P
   Low-Gain Op Amp with Fast 14-Bit Settling
CLC502 NSC-CLC502 Datasheet
397Kb / 6P
   Clamping, Low-Gain Op Amp with Fast 14-bit Settling
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com