전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KDC_NMK 데이터시트(PDF) 4 Page - Murata Manufacturing Co., Ltd.

부품명 KDC_NMK
상세설명  3kVDC Isolated 2W Single & Dual Output DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KDC_NMK 데이터시트(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  KDC_NMK Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KDC_NMK Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KDC_NMK Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. KDC_NMK Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. KDC_NMK Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NMK Series
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
KDC_NMKC.C01 Page 4 of 5
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
EFFICIENCY VS LOAD
NMK05XXSAC
NMK12XXSAC
NMK05XXSC
NMK12XXSC
0
10
20
30
40
50
60
70
80
90
0
10203040
5060708090
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
10203040
5060708090
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
10203040
5060708090
100
Load (%)
5V
9V
12V
15V
0
10
20
30
40
50
60
70
80
90
0
10203040
5060708090
100
Load (%)
5V
9V
12V
15V


유사한 부품 번호 - KDC_NMK

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
KDC_NMD MURATA-KDC_NMD Datasheet
140Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
KDC_NMG MURATA-KDC_NMG Datasheet
138Kb / 4P
   Isolated 2W Single Output DC/DC Converters
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
KDC_NMT MURATA-KDC_NMT Datasheet
153Kb / 4P
   Triple Output 3W DC/DC Converters
More results

유사한 설명 - KDC_NMK

제조업체부품명데이터시트상세설명
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH Datasheet
651Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
logo
Murata Power Solutions ...
NMK MURATA-PS-NMK_V01 Datasheet
352Kb / 10P
   3kVDC Isolated 2W Single & Dual Output DC-DC Converters
2022
NMK MURATA-PS-NMK Datasheet
265Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NMK2405SC MURATA-NMK2405SC Datasheet
232Kb / 6P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TPH TOPPOWER-TPH_V01 Datasheet
732Kb / 4P
   2W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPG TOPPOWER-TPG Datasheet
647Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG-2W TOPPOWER-TPG-2W Datasheet
220Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPG TOPPOWER-TPG_V01 Datasheet
770Kb / 3P
   2W 3KVDC Isolated Single Output DC/DC Converters
TPK TOPPOWER-TPK_19 Datasheet
738Kb / 3P
   2W 3KVDC Isolated Single And Dual Output DC/DC Converters
TPAT-2W TOPPOWER-TPAT-2W_19 Datasheet
772Kb / 4P
   2W 3KVDC Isolated Single and Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com