전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMP_5000C 데이터시트(PDF) 3 Page - Murata Manufacturing Co., Ltd.

부품명 KMP_5000C
상세설명  Surface Mount Common Mode Chokes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KMP_5000C 데이터시트(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  KMP_5000C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KMP_5000C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KMP_5000C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
KMP_5000C_B03 Page 3 of 3
5000 Series
Surface Mount Common Mode Chokes
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Tape Outline Dimensions
Unless otherwise stated, all dimensions in mm (inches) ± 0.1 (0.004).
20.4
(0.80) Min.
15.9-19.4 (0.626-0.764)
13.50 (0.531)
12.50 (0.492)
2.1 (0.08)
Min.
100±0.2
(3.94±0.008) Min.
21.1 (0.83) Min.
100 (3.937)
Min.
Leader section
400 (15.748) Min.
Goods
enclosure
section
Trailer section
160 (6.299) Min.
Ø331 (13.03) Max.
Ø
Ø
16.5±0.2
(0.65±0.008)
Reel quantity: 1000
All dimension in mm [inches]
† Measured at hub
Direction of unreeling
12.0 (0.472)
2.0 (0.079)
4.0 (0.157)
ø1.5 (0.06)
6.3
(0.248)
0.35±0.05
(0.014±0.002)
4.7
(0.185)
3.9
(0.154)


유사한 부품 번호 - KMP_5000C

제조업체부품명데이터시트상세설명
logo
United Chemi-Con, Inc.
KMP250E107M762ET00 CHEMI-CON-KMP250E107M762ET00 Datasheet
79Kb / 4P
   METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
KMP250E336M552ET00 CHEMI-CON-KMP250E336M552ET00 Datasheet
79Kb / 4P
   METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
KMP250E476M552ET00 CHEMI-CON-KMP250E476M552ET00 Datasheet
79Kb / 4P
   METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
KMP250E686M762ET00 CHEMI-CON-KMP250E686M762ET00 Datasheet
79Kb / 4P
   METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
More results

유사한 설명 - KMP_5000C

제조업체부품명데이터시트상세설명
logo
Pulse A Technitrol Comp...
PE-68624NL PULSE-PE-68624NL Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-65857NLT PULSE-PE-65857NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
PE-67540NLT PULSE-PE-67540NLT Datasheet
1Mb / 3P
   Surface Mount Common Mode Chokes
logo
Bi technologies
HM67 BITECH-HM67_15 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
HM67 BITECH-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
logo
TT Electronics.
HM86 TTELEC-HM86 Datasheet
298Kb / 2P
   Surface Mount Common Mode Chokes
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-5854 BOTHHAND-BCM-5854 Datasheet
123Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
XFMRS Inc.
CMC1236 XFMRS-CMC1236_15 Datasheet
195Kb / 2P
   SURFACE MOUNT COMMON MODE CHOKES
logo
Bothhand USA, LP.
BCM-9012 BOTHHAND-BCM-9012 Datasheet
71Kb / 1P
   SURFACE MOUNT COMMON MODE CHOKES
logo
TT Electronics.
HM67 TTELEC-HM67 Datasheet
1Mb / 5P
   Surface Mount Common Mode Chokes
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com