전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMP_5500C 데이터시트(PDF) 2 Page - Murata Manufacturing Co., Ltd.

부품명 KMP_5500C
상세설명  15A Current Sensing Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KMP_5500C 데이터시트(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  KMP_5500C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KMP_5500C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KMP_5500C_B02 Page 2 of 2
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
5500 Series
15A Current Sensing Transformers
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS
Reel Dimensions
Tape Outline Dimensions
11.5
(0.453)
1.75
(0.069)
1.50
(0.059)
4.00
(0.157)
24.0
(0.945)
0.4
(0.016)
7.1
(0.280)
16.0
(0.630)
Direction of unreeling
Reel quantity: 650
All dimensions in mm (inches)
55XXXC
XYYWW
30.4
(1.197)
Max.
24.4 (0.96) ±0.2 (0.008)†
13.50 (0.531)
12.80 (0.504)
Ø
1.5 (0.059) Min.
49.75 (1.96) Min.
Ø20.20 (Ø0.795) Min.
100 (3.937)
Min.
Leader Section
400 (15.748) Min.
Goods
Enclosure
Section
Trailer Section
160 (6.299) Min.
Ø331 (13.03) Max.
All dimensions in mm (inches)
† Measured at hub


유사한 부품 번호 - KMP_5500C

제조업체부품명데이터시트상세설명
logo
Murata Power Solutions ...
KMP-5600 MURATA-PS-KMP-5600 Datasheet
101Kb / 2P
   10A Current Sensing Transformers
logo
United Chemi-Con, Inc.
KMP250E107M762ET00 CHEMI-CON-KMP250E107M762ET00 Datasheet
79Kb / 4P
   METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
KMP250E336M552ET00 CHEMI-CON-KMP250E336M552ET00 Datasheet
79Kb / 4P
   METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
KMP250E476M552ET00 CHEMI-CON-KMP250E476M552ET00 Datasheet
79Kb / 4P
   METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
KMP250E686M762ET00 CHEMI-CON-KMP250E686M762ET00 Datasheet
79Kb / 4P
   METAL CAP TYPE MULTILAYER CERAMIC CAPACITORS
More results

유사한 설명 - KMP_5500C

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
KMP_5400C MURATA-KMP_5400C Datasheet
114Kb / 2P
   15A Current Sensing Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
   Current Sensing Transformers
logo
Murata Power Solutions ...
56050C MURATA-PS-56050C Datasheet
101Kb / 2P
   10A Current Sensing Transformers
logo
Murata Manufacturing Co...
KMP_5300C MURATA-KMP_5300C Datasheet
124Kb / 2P
   10A Current Sensing Transformers
logo
Murata Power Solutions ...
KMP-5600 MURATA-PS-KMP-5600 Datasheet
101Kb / 2P
   10A Current Sensing Transformers
logo
Bel Fuse Inc.
SCS BEL-SCS Datasheet
1Mb / 5P
   High Frequency SMD Current Sensing Transformers
August 24 2022
logo
Myrra
74540 MYRRA-74540 Datasheet
87Kb / 1P
   CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
   CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
74500 MYRRA-74500 Datasheet
84Kb / 1P
   CURRENT TRANSFORMERS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com