전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VZM-6993J5 데이터시트(PDF) 2 Page - Communications & Power Industries, Inc.

부품명 VZM-6993J5
상세설명  250W or 320W TWT Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CPI [Communications & Power Industries, Inc.]
홈페이지  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZM-6993J5 데이터시트(HTML) 2 Page - Communications & Power Industries, Inc.

  VZM-6993J5 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZM-6993J5 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS, VZM-6993J5
Electrical
TWT Model Number
VTM6292M4 (250 W) or
optional VTM6392M4B (320 W)
Frequency
8.0 to 18.0 GHz
Output Power (min.)
TWT
250 W (320 W with optional TWT)
Flange
225 W (290 W with optional TWT)
Gain
53.5 dB min. at rated power output;
55.5 dB min. at small signal
RF Level Adjust Range
0 to 20 dB
Gain Stability
±0.25 dB/24hr max. (after 30 minute warmup
and at constant drive and temp.)
Gain Variation
12 dB pk-pk typ.;
Input VSWR
2.5:1 typ;
1.5:1 max. with optional input isolator
Output VSWR
2.5:1 max.
Load VSWR
1.5:1 max. for full spec. compliance;
2.0:1 max. continuous operation
Residual AM
-50 dBc below 10 kHz
-20[1.3 +log F(kHz)] dBc, 10 kHz to 500 kHz
-85 dBc above 500 kHz
Phase Noise
Meets IESS 308/309 with 3 dB margin
Noise and Spurious
-50 dBc typical excluding harmonics
Harmonic Content
-3 dBc typical at lower band edge, decreasing
to -15 dBc typical at upper band edge
Primary Power
220 - 240 VAC ±10%,
single phase 47- 63 Hz
Power Consumption
1.4 kVA typ.
1.5 kVA max.
Inrush Current
200% max.
Environmental
Ambient Temperature
-10° to +40°C operating
-40° to +70°C non-operating
Relative Humidity
95% non-condensing
Altitude
10,000 ft. with standard adiabatic
derating of 2°C/1000 ft., operating;
40,000 ft., non-operating
Shock and Vibration
As normally encountered in a
protected engineering
laboratory environment
Acoustic Noise
65 dBA @ 3 ft. from amplifier
Mechanical
Cooling (TWT)
Forced air with integral blower
Rear air intake & exhaust
RF Input Connection
Type N female
RF Output Connection
WRD-750
RF Output Monitor
Type N female
Dimensions (W x H x D)*
19 x 7 x 24 in.
(483 x 178 x 610 mm)
Weight
75 lbs (34.1 kg) max.
Safety
Meets EN61010
*Dimension exclude front handles, rear fans and exhaust ducts.
OPTIONS:
• Remote Control Panel
• Input Isolator
(-1 dB Gain)
• 115 VAC External Step-Up
Transformer
• 320 W TWT
Certificate Number: 30515
8.0 to 18.0 GHz
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 227, ISSUE 1
11/07
PDF


유사한 부품 번호 - VZM-6993J5

제조업체부품명데이터시트상세설명
logo
Communications & Power ...
VZM-6991K4 CPI-VZM-6991K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VZM-6991K6 CPI-VZM-6991K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
More results

유사한 설명 - VZM-6993J5

제조업체부품명데이터시트상세설명
logo
Communications & Power ...
VVM347904 CPI-VVM347904 Datasheet
396Kb / 1P
   TWT Amplifier
VZC-6961K4 CPI-VZC-6961K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VZC-6967V7 CPI-VZC-6967V7 Datasheet
151Kb / 2P
   750W Outdoor TWT Amplifier
T04UO CPI-T04UO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
T04XO CPI-T04XO Datasheet
125Kb / 2P
   400W Outdoor TWT Amplifier
T04CO CPI-T04CO Datasheet
142Kb / 2P
   400W Outdoor TWT Amplifier
VZU-6998VY CPI-VZU-6998VY Datasheet
140Kb / 2P
   750W Outdoor TWT Amplifier
T03DO CPI-T03DO Datasheet
146Kb / 2P
   270W Outdoor TWT Amplifier
VZA-6902J1 CPI-VZA-6902J1 Datasheet
144Kb / 2P
   30 Millimeter TWT Amplifier
VZC-6961K6 CPI-VZC-6961K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com