전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

QBH-842 데이터시트(PDF) 1 Page - Spectrum Microwave, Inc.

부품명 QBH-842
부품 상세설명  RF AMPLIFIER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPECTRUM [Spectrum Microwave, Inc.]
홈페이지  http://www.spectrummicrowave.com
Logo SPECTRUM - Spectrum Microwave, Inc.

QBH-842 데이터시트(HTML) 1 Page - Spectrum Microwave, Inc.

  QBH-842 Datasheet HTML 1Page - Spectrum Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Legend
+ 25 ºC
+ 85 ºC - - - - - - -55 ºC
RF AMPLIFIER
MODEL
QBH-842
Specifications
Maximum Ratings
Ambient Operating Temperature .............. -55ºC to + 125 ºC
Storage Temperature ............................... -65ºC to + 150 ºC
Case Temperature ................................................. + 125 ºC
DC Voltage ...................................................... + 16.5 Volts
Continuous RF Input Power .............................. + 13.0 dBm
Short Term RF Input Power ...... 50 Milliwatts (1 Minute Max.)
Maximum Peak Power .................... 0.5 Watt (3
µsec Max.)
Features
!
!
!
!
! High Gain: 13.5 dB Typical
!
!
!
!
! High Power: +26 dBm Typical
!
!
!
!
! Operating Temp. - 55 ºC to +85 ºC
!
!
!
!
! Environmental Screening Available
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -55 ºC to +85 ºC
Frequency
10 - 250 MHz
10 - 250 MHz
Power
Vdc
+15
+15
mA
122
125 Max.
Noise Figure (dB)
7.5
8.1 Max.
VSWR
In
1.5:1
1.5:1 Max.
Out
1.8:1
1.8:1 Max.
Reverse Isolation (dB)
-24
-24 Min.
Gain (dB)
13.5
Gain Flatness
0.5
0.5 Max.
Output Intercept point
3rd Order
+40
+38 Min.
2nd Order
+48
+45 Min.
Gain vs. Temperature
+0.5/-0.5 Max.
1 dB Compression (dBm)
+26
+26 Min.
± 0.5
Typical Performance Data
Note: Specifications are guaranteed when tested in a 50 Ohm system.
Specifications indicated as typical are not guaranteed.
03/11/05
Linear S-Parameters Data
FREQ.
– – S11– –
– – S21– –
– – S12– –
– – S22– –
MHz
Ang
dB
Ang
dB
Ang
dB
Ang
dB
10
40
50
70
80
90
150
200
250
-29.2
-26.8
-26.8
-26.9
-27.0
-27.3
-30.5
-33.5
-27.1
8.1
-8.3
-13.8
-21.1
-27.2
-31.0
-67.1
-140.1
154.4
13.2
13.2
13.2
13.2
13.2
13.2
13.1
13.2
13.4
179.4
164.3
160.1
151.6
147.5
143.2
118.6
98.4
77.0
-38.2
-37.0
-36.4
-35.3
-34.7
-34.0
-31.3
-29.5
-28.0
12.6
18.5
19.9
22.2
22.1
20.9
13.9
3.6
-10.0
-22.9
-24.0
-24.3
-25.1
-25.7
-26.5
-28.7
-30.5
-22.1
30.7
-5.0
-10.4
-20.3
-24.1
-27.5
-52.8
-123.7
177.2
===================================================================
Available as: QBH-842, 4 Pin TO-8 (T4)
QBH-9-842, Connectorized Housing (ES E52-1501)
10
14
13
11
Gain (dB)
Reverse Isolation (dB)
1 dB Comp. (dBm)
Input/Output VSWR +25 ºC
3rd order intermodulation distortion (dBm)
12
15
-70
-20
-40
-60
-50
-30
-10
10
100
1000
MHz
10
100
1000
MHz
24
29
26
25
27
10
100
1000
MHz
1.8
1.4
1.2
1.6
2.0
10
100
1000
MHz
44
40
36
38
46
42
10
100
1000
MHz
5.5
4.0
6.0
5.0
Noise Figure (dB)
10
100
1000
MHz
4.5
1.0
Input
Output
6.5
28
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, Florida 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, Pa. 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com


유사한 부품 번호 - QBH-842

제조업체부품명데이터시트부품 상세설명
API Technologies Corp
API Technologies Corp
QBH-842 APITECH-QBH-842 Datasheet
60Kb / 1P
   RF AMPLIFIER MODEL
More results

유사한 설명 - QBH-842

제조업체부품명데이터시트부품 상세설명
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
2SC5345 KODENSHI-2SC5345 Datasheet
264Kb / 5P
   RF amplifier
API Technologies Corp
API Technologies Corp
CZ8463 APITECH-CZ8463 Datasheet
69Kb / 1P
   RF AMPLIFIER
CZ8454 APITECH-CZ8454 Datasheet
70Kb / 1P
   RF AMPLIFIER
CZ8404 APITECH-CZ8404 Datasheet
41Kb / 1P
   RF AMPLIFIER
CZ8310 APITECH-CZ8310 Datasheet
47Kb / 1P
   RF AMPLIFIER
CZ8230 APITECH-CZ8230 Datasheet
47Kb / 1P
   RF AMPLIFIER
CZ8020 APITECH-CZ8020 Datasheet
41Kb / 1P
   RF AMPLIFIER
BXMP1037 APITECH-BXMP1037 Datasheet
527Kb / 1P
   RF AMPLIFIER
BXMP1012 APITECH-BXMP1012 Datasheet
80Kb / 1P
   RF AMPLIFIER
BXMP1010 APITECH-BXMP1010 Datasheet
48Kb / 1P
   RF AMPLIFIER
BXMP1006 APITECH-BXMP1006 Datasheet
52Kb / 1P
   RF AMPLIFIER
More results


Html Pages

1 


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz