전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VZX-6984A4 데이터시트(PDF) 2 Page - Communications & Power Industries, Inc.

부품명 VZX-6984A4
상세설명  400W Compact Medium Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CPI [Communications & Power Industries, Inc.]
홈페이지  http://www.cpii.com
Logo CPI - Communications & Power Industries, Inc.

VZX-6984A4 데이터시트(HTML) 2 Page - Communications & Power Industries, Inc.

  VZX-6984A4 Datasheet HTML 1Page - Communications & Power Industries, Inc. VZX-6984A4 Datasheet HTML 2Page - Communications & Power Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS, VZX-6984A4
Electrical
Frequency
7.9 to 8.4 GHz
Output Power
TWT
400 W min. (56.02 dBm)
Flange
350 W min. (55.44 dBm)
Bandwidth
500 MHz
Gain
75 dB min. at rated power output;
78 dB min. at small signal
RF Level Adjust Range
0 to 20 dB
Gain Stability
±0.25 dB/24hr max.
(at constant drive and temp.)
Small Signal Gain Slope
±0.02 dB/MHz max.
Small Signal Gain Variation
1.0 dB pk-pk max. across any 80 MHz band;
2.5 dB pk-pk max. across the 500 MHz band
Input VSWR
1.3:1 max.
Output VSWR
1.3:1 max.
Load VSWR
2.0:1 max. operational; any value for operation
without damage
Residual AM
-50 dBc below 10 kHz
-20[1.3 +log F(kHz)] dBc, 10 kHz to 500 kHz
-85 dBc above 500 kHz
Phase Noise
IESS Phase Noise Profile
-6 dBc
AC Fundamental
-36 dBc
Sum of All Spurs
-47 dBc
AM/PM Conversion
3°/dB max. for a single carrier at
8 dB below rated power
Harmonic Output
-60 dBc at rated power, second and third
harmonics
Noise and Spurious
<- 75 dBW/4 kHz from 7.25 to 7.75 GHz
(at rated gain)
<-65 dBW/4 kHz from 7.9 to 8.4 GHz
Noise Figure
10 dB max.
Intermodulation
-23 dBc or better typ. with two equal carriers
at total output power 7 dB below rated
single-carrier output
Group Delay
0.01 ns/MHz linear max.
(in any 40 MHz band)
0.001 ns/MHz2 parabolic max.
0.5 ns pk-pk ripple max.
Electrical (continued)
Primary Power
110 - 240 VAC ±10%,
single phase, 47- 63 Hz
Power Consumption
1.3 kVA, typ.
1.5 kVA, max.
Power Factor
0.95 min.
Environmental (Operating)
Ambient Temperature
-10° to +50°C operating
-40° to +70°C non-operating
Relative Humidity
95% non-condensing
Altitude
10,000 ft. with standard adiabatic
derating of 2°C/1000 ft., operating;
40,000 ft., non-operating
Shock and Vibration
Designed for normal transportation
environment per Section 514.4
MIL-STD-810E. Designed to
withstand 20G at 11 ms (1/2
sine pulse) in non-operating
configuration.
Acoustic Noise
65 dBA @ 3 ft. from amplifier
Mechanical
Cooling (TWT)
Forced air with integral blower
Rear air intake & exhaust
RF Input Connection
Type N female
RF Output Connection
CPR-112G waveguide flange,
grooved with UNF 2B 8-32
threaded holes
RF Output Monitor
Type N female
Dimensions (W x H x D)
19 x 5.25 x 24 in.
(483 x 133 x 610 mm)
Weight
70 lbs (31.8 kg) max.
OPTIONS:
• Remote Control Panel
• Redundant and Power
Combined Subsystems
• External Receive Band
Reject Filter
X-Band
For more detailed information, please refer to the corresponding CPI Technical Description.
Note: Specifications may change without notice as a result of additional data or product refinement.
Please contact CPI before using this information for system design.
MKT 152, ISSUE 3
07/06
PDF
Certificate Number: 30515
KEEPING YOU ON THE AIR
not up in the air


유사한 부품 번호 - VZX-6984A4

제조업체부품명데이터시트상세설명
logo
Communications & Power ...
VZX-6981K4 CPI-VZX-6981K4 Datasheet
380Kb / 4P
   20 Watt TWT Amplifier
VZX-6981K6 CPI-VZX-6981K6 Datasheet
340Kb / 4P
   20 Watt TWT Amplifier
VZX-6986J4 CPI-VZX-6986J4 Datasheet
369Kb / 2P
   CPI 2.25/2.50 kW TWT X-Band HPA
VZX-6986J6 CPI-VZX-6986J6 Datasheet
369Kb / 2P
   CPI 2.25/2.50 kW TWT X-Band HPA
VZX-6987A7 CPI-VZX-6987A7 Datasheet
157Kb / 2P
   750W Compact Medium Power Amplifier
More results

유사한 설명 - VZX-6984A4

제조업체부품명데이터시트상세설명
logo
Communications & Power ...
VZC-6964 CPI-VZC-6964 Datasheet
130Kb / 2P
   400W Compact Medium Power Amplifier
VZU-6994 CPI-VZU-6994 Datasheet
173Kb / 2P
   350/400W Compact Medium Power Amplifier
VZS-2776L1 CPI-VZS-2776L1 Datasheet
137Kb / 2P
   Compact Medium Power Amplifier
VZL-6943J2 CPI-VZL-6943J2 Datasheet
135Kb / 2P
   Compact Medium Power Amplifier
VZS-6963J2 CPI-VZS-6963J2 Datasheet
149Kb / 2P
   Compact Medium Power Amplifier
VZU-6997AD CPI-VZU-6997AD Datasheet
158Kb / 2P
   750W Compact Medium Power Amplifier
VZX-6987A7 CPI-VZX-6987A7 Datasheet
157Kb / 2P
   750W Compact Medium Power Amplifier
logo
MicroPower Direct, LLC
MPU-400D MPD-MPU-400D Datasheet
1Mb / 4P
   Compact 400W Supply
logo
Communications & Power ...
VZA-6906C5 CPI-VZA-6906C5 Datasheet
200Kb / 2P
   400W/500W Millitron High Power Amplifier
logo
List of Unclassifed Man...
R1J-400I1H2A0 ETC2-R1J-400I1H2A0 Datasheet
735Kb / 12P
   400W400W Redundant Power Supply
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com