전자부품 데이터시트 검색엔진 |
|
SN74AS373NSR 데이터시트(PDF) 8 Page - Texas Instruments |
|
|
SN74AS373NSR 데이터시트(HTML) 8 Page - Texas Instruments |
8 / 10 page PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) 83020012A ACTIVE LCCC FK 20 1 None Call TI Level-NC-NC-NC 8302001RA ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC 8302001SA ACTIVE CFP W 20 1 None Call TI Level-NC-NC-NC JM38510/37203B2A ACTIVE LCCC FK 20 1 None Call TI Level-NC-NC-NC JM38510/37203BRA ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC SN54ALS373AJ ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC SN54AS373J ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC SN74ALS373ADBLE OBSOLETE SSOP DB 20 None Call TI Call TI SN74ALS373ADBR ACTIVE SSOP DB 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74ALS373ADW ACTIVE SOIC DW 20 25 Pb-Free (RoHS) CU NIPDAU Level-2-250C-1 YEAR/ Level-1-235C-UNLIM SN74ALS373ADWR ACTIVE SOIC DW 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-250C-1 YEAR/ Level-1-235C-UNLIM SN74ALS373AN ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74ALS373AN3 OBSOLETE PDIP N 20 None Call TI Call TI SN74ALS373ANSR ACTIVE SO NS 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SN74AS373DW ACTIVE SOIC DW 20 25 Pb-Free (RoHS) CU NIPDAU Level-2-250C-1 YEAR/ Level-1-235C-UNLIM SN74AS373DWR ACTIVE SOIC DW 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-250C-1 YEAR/ Level-1-235C-UNLIM SN74AS373N ACTIVE PDIP N 20 20 Pb-Free (RoHS) CU NIPDAU Level-NC-NC-NC SN74AS373N3 OBSOLETE PDIP N 20 None Call TI Call TI SN74AS373NSR ACTIVE SO NS 20 2000 Pb-Free (RoHS) CU NIPDAU Level-2-260C-1 YEAR/ Level-1-235C-UNLIM SNJ54ALS373AFK ACTIVE LCCC FK 20 1 None Call TI Level-NC-NC-NC SNJ54ALS373AJ ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC SNJ54ALS373AW ACTIVE CFP W 20 1 None Call TI Level-NC-NC-NC SNJ54AS373FK ACTIVE LCCC FK 20 1 None Call TI Level-NC-NC-NC SNJ54AS373J ACTIVE CDIP J 20 1 None Call TI Level-NC-NC-NC (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. None: Not yet available Lead (Pb-Free). Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes. Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens, PACKAGE OPTION ADDENDUM www.ti.com 28-Feb-2005 Addendum-Page 1 |
유사한 부품 번호 - SN74AS373NSR |
|
유사한 설명 - SN74AS373NSR |