전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWDM-1629-49 데이터시트(PDF) 4 Page - Finisar Corporation.

부품명 FWDM-1629-49
상세설명  DWDM SFP Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWDM-1629-49 데이터시트(HTML) 4 Page - Finisar Corporation.

  FWDM-1629-49 Datasheet HTML 1Page - Finisar Corporation. FWDM-1629-49 Datasheet HTML 2Page - Finisar Corporation. FWDM-1629-49 Datasheet HTML 3Page - Finisar Corporation. FWDM-1629-49 Datasheet HTML 4Page - Finisar Corporation. FWDM-1629-49 Datasheet HTML 5Page - Finisar Corporation. FWDM-1629-49 Datasheet HTML 6Page - Finisar Corporation. FWDM-1629-49 Datasheet HTML 7Page - Finisar Corporation. FWDM-1629-49 Datasheet HTML 8Page - Finisar Corporation. FWDM-1629-49 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FWDM-1629-XX DWDM SFP Preliminary Product Specification – February 2005
F i n i s a r
© Finisar Corporation
PRELIMINARY and Confidential
Page 4
Rev C, February 2005
Diagram of Host Board Connector Block Pin Numbers and Names
II.
Absolute Maximum Ratings
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Maximum Supply Voltage
Vcc
-0.5
4.7
V
Storage Temperature
TS
-10
85
°C
Case Operating Temperature
TOP
-5
70
°C
III.
Electrical Characteristics (TOP = -5 to 70 °C, VCC = 3.13 to 3.50 Volts)
Parameter
Symbol
Min
Typ
Max
Unit
Ref.
Supply Voltage
Vcc
3.13
3.30
3.50
V
Supply Current
Icc
305
mA
Inrush Current
Isurge
Icc+30
mA
Maximum Power
Pmax
1.0
W
TRANSMITTER
Input differential impedance
Rin
100
1
Single ended data input swing
Vin,pp
250
1200
mV
Transmit Disable Voltage
VD
Vcc – 1.3
Vcc
V
Transmit Enable Voltage
VEN
Vee
Vee+ 0.8
V
2
RECEIVER
Single ended data output swing
Vout,pp
175
1000
mV
3
Data output rise time
tr
150
ps
4
Data output fall time
tf
150
ps
4
LOS Fault
VLOSfault
Vcc – 0.5
VccHOST
V
5
LOS Normal
VLOS norm
Vee
Vee+0.5
V
5
Power Supply Rejection
PSR
100
mVpp
6
Notes:
1.
Connected directly to TX data input pins. AC coupled thereafter.
2.
Or open circuit.
3.
Into 100 ohms differential termination.
4.
20 – 80 %
5.
Loss Of Signal is LVTTL. Logic 0 indicates normal operation; logic 1 indicates no signal detected.
6.
Receiver sensitivity is compliant with power supply sinusoidal modulation of 20 Hz to 1.5 MHz up to
specified value applied through the recommended power supply filtering network.


유사한 부품 번호 - FWDM-1629-49

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-49 FINISAR-FWDM-1621-7D-49 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-51 FINISAR-FWDM-1621-7D-51 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-53 FINISAR-FWDM-1621-7D-53 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-55 FINISAR-FWDM-1621-7D-55 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

유사한 설명 - FWDM-1629-49

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWLF1631 FINISAR-FWLF1631 Datasheet
205Kb / 10P
   DWDM SFP Transceiver
logo
OPLINK Communications I...
S0255-TPD2XGKZRXXG OPLINK-S0255-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
TPD1XGKZRXXG OPLINK-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
TPD2XGKZRXXG OPLINK-TPD2XGKZRXXG Datasheet
627Kb / 9P
   DWDM 80km SFP Transceiver
S0252-TPD1XGKZRXXG OPLINK-S0252-TPD1XGKZRXXG Datasheet
629Kb / 9P
   DWDM 80km SFP Transceiver
logo
Source Photonics, Inc.
SFPD-MR-08-15-A SOURCE-SFPD-MR-08-15-A Datasheet
542Kb / 8P
   Multirate DWDM SFP Transceiver
logo
Finisar Corporation.
FWLF1631R FINISAR-FWLF1631R Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631R17 FINISAR-FWLF1631R17 Datasheet
106Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1631RXX FINISAR-FWLF1631RXX Datasheet
347Kb / 10P
   Long-Reach DWDM SFP Transceiver
FWLF1634RL FINISAR-FWLF1634RL Datasheet
374Kb / 11P
   Long-Reach DWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com