전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM200-01-0 데이터시트(PDF) 6 Page - Finisar Corporation.

부품명 DM200-01-0
상세설명  10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

DM200-01-0 데이터시트(HTML) 6 Page - Finisar Corporation.

Back Button DM200-01-0 Datasheet HTML 2Page - Finisar Corporation. DM200-01-0 Datasheet HTML 3Page - Finisar Corporation. DM200-01-0 Datasheet HTML 4Page - Finisar Corporation. DM200-01-0 Datasheet HTML 5Page - Finisar Corporation. DM200-01-0 Datasheet HTML 6Page - Finisar Corporation. DM200-01-0 Datasheet HTML 7Page - Finisar Corporation. DM200-01-0 Datasheet HTML 8Page - Finisar Corporation. DM200-01-0 Datasheet HTML 9Page - Finisar Corporation. DM200-01-0 Datasheet HTML 10Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
DM200-01-0/1/2 CML
TM Butterfly Transmitter Product Specification – May 2007
F i n i s a r
©
Finisar Corporation –10-May-07
Rev_A
Page 6
VI. Pin-out Details
Figure 4: Schematic Pin-out of Transmitter Package
Table 3: Pin-Out Description
Pin
Description
1.
TEC#1 (+)
2.
TEC#1 (-)
3.
Thermistor#1 (+)
4.
Thermistor#1 (-)
5.
Laser Diode Bias
6.
PD1 (Anode)
7.
PD1 (Cathode)
8.
PD2 (Cathode)
9.
PD2 (Anode)
10.
TEC 2 (+)
11.
TEC 2 (-)
12.
Thermistor#2 (+)
13.
Thermistor#2 (-)
OSR
1
2
3
4 5
6
7 8
9 10
11 12
13
TEC#1
TEC#2
DFB
PD1
PD2
R=45
L
Thermistor
Thermistor


유사한 부품 번호 - DM200-01-0

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4 FINISAR-DM200-01-4 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4-9470-0-LC FINISAR-DM200-01-4-9470-0-LC Datasheet
263Kb / 10P
   10Gb/s 200km Telecom CML 13pin-GPO Butterfly Transmitter
More results

유사한 설명 - DM200-01-0

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
DM200-01-3 FINISAR-DM200-01-3 Datasheet
264Kb / 10P
   10Gb/s 200km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM80-01-0 FINISAR-DM80-01-0 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CMLTM 13pin-GPO Butterfly Transmitter
DM200-01-4-9470-0-LC FINISAR-DM200-01-4-9470-0-LC Datasheet
263Kb / 10P
   10Gb/s 200km Telecom CML 13pin-GPO Butterfly Transmitter
DM80-01-3 FINISAR-DM80-01-3 Datasheet
263Kb / 10P
   10Gb/s 120km Telecom CML 13pin-GPO Butterfly Transmitter
DM200-02-0 FINISAR-DM200-02-0 Datasheet
231Kb / 10P
   10Gb/s 200km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
DM80-02-0 FINISAR-DM80-02-0 Datasheet
231Kb / 10P
   10Gb/s 120km Telecom CMLTM Transmitter Optical Sub-Assembly (TOSA)
logo
Bookham, Inc.
EML10ZCA BOOKHAM-EML10ZCA Datasheet
365Kb / 8P
   10Gb/s EA Modulator and DFB Laser with GPO RF Connector
EML10WCB BOOKHAM-EML10WCB Datasheet
521Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
EML10WCA BOOKHAM-EML10WCA Datasheet
398Kb / 9P
   10Gb/s DWDM EA Modulator and DFB Laser with GPO RF Connector
MT10EW BOOKHAM-MT10EW Datasheet
547Kb / 10P
   24 PIN 10Gb/s Long Reach DWDM Serial Transmitter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com