전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWLF15217D49 데이터시트(PDF) 1 Page - Finisar Corporation.

부품명 FWLF15217D49
상세설명  Multi-rate CWDM Pluggable SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF15217D49 데이터시트(HTML) 1 Page - Finisar Corporation.

  FWLF15217D49 Datasheet HTML 1Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 2Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 3Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 4Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 5Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 6Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 7Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 8Page - Finisar Corporation. FWLF15217D49 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Finisar Corporation December 2006 Rev.A
Page 1
Product Specification
Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217Dxx
PRODUCT FEATURES
• Up to 2.67 Gb/s bi-directional
data links
• Hot-pluggable SFP footprint
• Built-in digital diagnostic
functions
• Uncooled DFB laser transmitter in
8 possible CWDM wavelengths
• Duplex LC connector
• Very low jitter
• Metal enclosure, for lower EMI
• Single 3.3V power supply
• Low power dissipation
• Operating temperature range: 0°C
to 70°C
APPLICATIONS
• Metro Access Rings and Point-to-
Point networking for SONET, Gigabit
Ethernet and Fibre Channel
Finisar’s FWLF15217Dxx CWDM Small Form Factor Pluggable (SFP) transceivers are
designed for operation in Metro Access Rings and Point-to-Point networks using
SONET
1Gigabit Ethernet2 and Fibre Channel3 networking equipment. They are available
in eight different CWDM wavelengths and comply with ITU CWDM standard
4. Digital
diagnostics functions can be accessed via an I
2C serial bus. In addition, the transceivers
comply with the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA)
5 are
RoHS and lead free compliant per Directive 2002/95/EC
6 and Finisar Application Note
AN-2038
7.
PRODUCT SELECTION
Wavelength
xx
Clasp Color
Code
Wavelength
xx
Clasp Color
Code
1470 nm
47
Gray
1550 nm
55
Yellow
1490 nm
49
Violet
1570 nm
57
Orange
1510 nm
51
Blue
1590 nm
59
Red
1530 nm
53
Green
1610 nm
61
Brown


유사한 부품 번호 - FWLF15217D49

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Frontier Electronics.
FWLF15217DXX FRONTIER-FWLF15217DXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

유사한 설명 - FWLF15217D49

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N47 FINISAR-FWLF1521P2N47 Datasheet
500Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com