전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SN74ALVTH162827GR 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 SN74ALVTH162827GR
상세설명  2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVTH162827GR 데이터시트(HTML) 5 Page - Texas Instruments

  SN74ALVTH162827GR Datasheet HTML 1Page - Texas Instruments SN74ALVTH162827GR Datasheet HTML 2Page - Texas Instruments SN74ALVTH162827GR Datasheet HTML 3Page - Texas Instruments SN74ALVTH162827GR Datasheet HTML 4Page - Texas Instruments SN74ALVTH162827GR Datasheet HTML 5Page - Texas Instruments SN74ALVTH162827GR Datasheet HTML 6Page - Texas Instruments SN74ALVTH162827GR Datasheet HTML 7Page - Texas Instruments SN74ALVTH162827GR Datasheet HTML 8Page - Texas Instruments SN74ALVTH162827GR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SN54ALVTH162827, SN74ALVTH162827
2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCES079E – JULY 1996 – REVISED DECEMBER 1998
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range,
VCC = 2.5 V ± 0.2 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
SN54ALVTH162827
SN74ALVTH162827
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
TYP†
MAX
UNIT
VIK
VCC = 2.3 V,
II = –18 mA
–1.2
–1.2
V
VCC = 2.3 V to 2.7 V,
IOH = –100 µA
VCC–0.2
VCC–0.2
VOH
VCC =2 3V
IOH = –6 mA
1.7
V
VCC = 2.3 V
IOH = –8 mA
1.7
VCC = 2.3 V to 2.7 V,
IOL = 100 µA
0.2
0.2
VOL
VCC =2 3V
IOL = 8 mA
0.7
V
VCC = 2.3 V
IOL = 12 mA
0.7
Control inputs
VCC = 2.7 V,
VI = VCC or GND
±1
±1
Control inputs
VCC = 0 or 2.7 V,
VI = 5.5 V
10
10
II
VI = 5.5 V
10
10
µA
Data inputs
VCC = 2.7 V
VI = VCC
1
1
VI = 0
–5
–5
Ioff
VCC = 0,
VI or VO = 0 to 4.5 V
±100
µA
IBHL‡
VCC = 2.3 V,
VI = 0.7 V
115
115
µA
IBHH§
VCC = 2.3 V,
VI = 1.7 V
–10
–10
µA
IBHLO¶
VCC = 2.7 V,
VI = 0 to VCC
300
300
µA
IBHHO#
VCC = 2.7 V,
VI = 0 to VCC
–300
–300
µA
IEX||
VCC = 2.3 V,
VO = 5.5 V
125
125
µA
IOZ(PU/PD)k
VCC ≤ 1.2 V, VO = 0.5 V to VCC,
VI = GND or VCC, OE = don’t care
±100
±100
µA
IOZH
VCC = 2.7 V
VO = 2.3 V,
VI = 0.7 V or 1.7 V
5
5
µA
IOZL
VCC = 2.7 V
VO = 0.5 V,
VI = 0.7 V or 1.7 V
–5
–5
µA
VCC = 2.7 V,
Outputs high
0.04
0.1
0.04
0.1
ICC
VCC = 2.7 V,
IO = 0,
Outputs low
2.3
5
2.3
5
mA
VI = VCC or GND
Outputs disabled
0.04
0.1
0.04
0.1
Ci
VCC = 2.5 V,
VI = 2.5 V or 0
3.5
3.5
pF
Co
VCC = 2.5 V,
VO = 2.5 V or 0
6
6
pF
† All typical values are at VCC = 2.5 V, TA = 25°C.
‡ The bus-hold circuit can sink at least the minimum low sustaining current at VIL max. IBHL should be measured after lowering VIN to GND and
then raising it to VIL max.
§ The bus-hold circuit can source at least the minimum high sustaining current at VIH min. IBHH should be measured after raising VIN to VCC and
then lowering it to VIH min.
¶ An external driver must source at least IBHLO to switch this node from low to high.
# An external driver must sink at least IBHHO to switch this node from high to low.
|| Current into an output in the high state when VO > VCC
kHigh-impedance state during power up or power down
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


유사한 부품 번호 - SN74ALVTH162827GR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVTH162244 TI-SN74ALVTH162244 Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALVTH162244 TI-SN74ALVTH162244 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALVTH162244DGG TI-SN74ALVTH162244DGG Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALVTH162244DGV TI-SN74ALVTH162244DGV Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74ALVTH162244DL TI-SN74ALVTH162244DL Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

유사한 설명 - SN74ALVTH162827GR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SN74ALVTH16827 TI-SN74ALVTH16827_07 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16827 TI-SN54ALVTH16827 Datasheet
163Kb / 9P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162244 TI-SN54ALVTH162244_07 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH162244 TI-SN54ALVTH162244 Datasheet
163Kb / 13P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16240 TI1-SN54ALVTH16240_14 Datasheet
802Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16244 TI-SN54ALVTH16244_07 Datasheet
529Kb / 19P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16244 TI-SN54ALVTH16244 Datasheet
157Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH32244 TI-SN54ALVTH32244 Datasheet
180Kb / 11P
[Old version datasheet]   2.5-V/3.3-V 32-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH32244 TI1-SN54ALVTH32244_13 Datasheet
894Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 32-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ALVTH16240 TI-SN54ALVTH16240 Datasheet
178Kb / 10P
[Old version datasheet]   2.5-V/3.3-V 16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com