전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWLF1521P2N55 데이터시트(PDF) 7 Page - Finisar Corporation.

부품명 FWLF1521P2N55
상세설명  Multi-rate CWDM Pluggable SFP Transceiver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF1521P2N55 데이터시트(HTML) 7 Page - Finisar Corporation.

Back Button FWLF1521P2N55 Datasheet HTML 3Page - Finisar Corporation. FWLF1521P2N55 Datasheet HTML 4Page - Finisar Corporation. FWLF1521P2N55 Datasheet HTML 5Page - Finisar Corporation. FWLF1521P2N55 Datasheet HTML 6Page - Finisar Corporation. FWLF1521P2N55 Datasheet HTML 7Page - Finisar Corporation. FWLF1521P2N55 Datasheet HTML 8Page - Finisar Corporation. FWLF1521P2N55 Datasheet HTML 9Page - Finisar Corporation. FWLF1521P2N55 Datasheet HTML 10Page - Finisar Corporation. FWLF1521P2N55 Datasheet HTML 11Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
FWLF1521P2Nxx SFP Product Specification – Jan 2008
F i n i s a r
© Finisar Corporation Jan 2008 Rev.A Preliminary and Confidential
Page 7
IX.
Digital Diagnostic Functions
All Finisar SFPs support the 2-wire serial communication protocol outlined in the SFP
MSA
5. These SFPs use an Atmel AT24C01A 128 byte E2PROM with an address of A0h
(see table below for E
2PROM contents). For details on interfacing with the E2PROM, see
the Atmel data sheet titled “AT24C01A/02/04/08/16 2-Wire Serial CMOS E
2PROM.”8
Finisar’s CWDM SFPs also support extended diagnostic features as described in Finisar
Applications Note AN-2030, “Digital Diagnostic Monitoring Interface for Optical
Transceivers”
9, and additional information is available in SFF standard titled: “Digital
Diagnostic Monitoring Interface for Optical Transceivers
10
(SFF-8472 rev9.3). A
controller IC that monitors system parameters such as laser current, module temperature,
transmitter power, and received power is accessible at address A2H.
I2C clock speed, digital diagnostic accuracy and digital diagnostic range can be found in
the table below. Values in the table represent the worst-case values over temperature,
voltage, and life.
Parameter
Symbol
Min
Typ
Max
Units
Notes/Conditions
I
2C Clock Speed
0
100,000
Hz
Bus can be driven blind
Accuracy
Transceiver Temperature
DDTemperatu
re
-3
+3
°C
Measured at controller IC
Transceiver Supply
Voltage
DDVoltage
-3
+3
%
Measured at controller IC
Tx Bias Curent
DDBias
-10
+10
%
Tx Output Power
DDTxPower
-3
+3
dB
100% tested in production
tested at room temp to ±2 dB
Received Average Power
DDRxPower
-3
+3
dB
100% tested in production
tested at room temp to ±2 dB
Range
Transceiver Temperature
DDTemperatu
re
-40
85
°C
Transceiver Supply
Voltage
DDVoltage
3.0
4.0
V
Tx Bias Curent
DDBias
0
90
mA
Tx Output Power
DDTxPower
-10
5
dBm
Received Average Power
DDRxPower
-23
0
dBm


유사한 부품 번호 - FWLF1521P2N55

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Frontier Electronics.
FWLF1521P2NXX FRONTIER-FWLF1521P2NXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF1521P2NXX FINISAR-FWLF1521P2NXX Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
More results

유사한 설명 - FWLF1521P2N55

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217DXX FINISAR-FWLF15217DXX Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1521P2N FINISAR-FWLF1521P2N Datasheet
705Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF16217D FINISAR-FWLF16217D Datasheet
5Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF15217D47 FINISAR-FWLF15217D47 Datasheet
948Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
logo
Source Photonics, Inc.
SPC-MR-EIR-31CDA SOURCE-SPC-MR-EIR-31CDA Datasheet
493Kb / 8P
   Multi-Rate CWDM SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com