전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FWLF15197D57 데이터시트(PDF) 1 Page - Finisar Corporation.

부품명 FWLF15197D57
상세설명  CWDM RoHS Compliant Pluggable SFP Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FINISAR [Finisar Corporation.]
홈페이지  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWLF15197D57 데이터시트(HTML) 1 Page - Finisar Corporation.

  FWLF15197D57 Datasheet HTML 1Page - Finisar Corporation. FWLF15197D57 Datasheet HTML 2Page - Finisar Corporation. FWLF15197D57 Datasheet HTML 3Page - Finisar Corporation. FWLF15197D57 Datasheet HTML 4Page - Finisar Corporation. FWLF15197D57 Datasheet HTML 5Page - Finisar Corporation. FWLF15197D57 Datasheet HTML 6Page - Finisar Corporation. FWLF15197D57 Datasheet HTML 7Page - Finisar Corporation. FWLF15197D57 Datasheet HTML 8Page - Finisar Corporation. FWLF15197D57 Datasheet HTML 9Page - Finisar Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Finisar Corporation October 2006 Rev.B
Page 1
Product Specification
CWDM RoHS Compliant Pluggable SFP Transceiver
FWLF15197Dxx
PRODUCT FEATURES
• Up to 1.25 Gb/s bi-directional
data links
• Hot-pluggable SFP footprint
• Built-in digital diagnostic
functions
• Uncooled DFB laser transmitter in
8 possible CWDM wavelengths
• Duplex LC connector
• Very low jitter
• Metal enclosure, for lower EMI
• Single 3.3V power supply
• Low power dissipation
• Operating temperature range: 0°C
to 70°C
APPLICATIONS
• Metro Access Rings and Point-to-
Point networking for Gigabit Ethernet
and Fibre Channel
Finisar’s FWLF15197Dxx CWDM Small Form Factor Pluggable (SFP) transceivers are
designed for operation in Metro Access Rings and Point-to-Point networks using Gigabit
Ethernet
1 and Fibre Channel2 networking equipment. They are available in eight different
CWDM wavelengths, and comply with the ITU CWDM standard
3. Digital diagnostics
functions can be accessed via an I
2C serial bus. In addition, the transceivers comply with
the Small Form Factor Pluggable Multi-Sourcing Agreement (MSA)
4; are RoHS and lead
free compliant per Directive 2002/95/EC
5 and Finisar Application Note AN-20386.
PRODUCT SELECTION
Wavelength
xx
Clasp Color
Code
Wavelength
xx
Clasp Color
Code
1470 nm
47
Gray
1550 nm
55
Yellow
1490 nm
49
Violet
1570 nm
57
Orange
1510 nm
51
Blue
1590 nm
59
Red
1530 nm
53
Green
1610 nm
61
Brown


유사한 부품 번호 - FWLF15197D57

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
logo
Frontier Electronics.
FWLF15197DXX FRONTIER-FWLF15197DXX Datasheet
1Mb / 5P
   Product Guide
logo
Finisar Corporation.
FWLF15197DXX FINISAR-FWLF15197DXX Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
More results

유사한 설명 - FWLF15197D57

제조업체부품명데이터시트상세설명
logo
Finisar Corporation.
FWLF1524P2V FINISAR-FWLF1524P2V Datasheet
411Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15197D FINISAR-FWLF15197D Datasheet
676Kb / 10P
   CWDM Pluggable SFP Transceiver
FWDM-1519-7D-47 FINISAR-FWDM-1519-7D-47 Datasheet
417Kb / 10P
   CWDM Pluggable SFP Transceiver
FWLF1524P2YXX FINISAR-FWLF1524P2YXX Datasheet
577Kb / 11P
   4 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF1625P2L FINISAR-FWLF1625P2L Datasheet
610Kb / 1P
   4.25 Gigabit RoHS Compliant CWDM SFP Transceiver
FWLF15217D FINISAR-FWLF15217D Datasheet
702Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T47 FINISAR-FWLF1621P2T47 Datasheet
506Kb / 12P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1521-7D-47 FINISAR-FWDM-1521-7D-47 Datasheet
768Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWLF1621P2T FINISAR-FWLF1621P2T Datasheet
543Kb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
FWDM-1621-7D-47 FINISAR-FWDM-1621-7D-47 Datasheet
4Mb / 11P
   Multi-rate CWDM Pluggable SFP Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com