전자부품 데이터시트 검색엔진 |
|
CB50220807 데이터시트(PDF) 9 Page - Cooper Bussmann, Inc. |
|
CB50220807 데이터시트(HTML) 9 Page - Cooper Bussmann, Inc. |
9 / 23 page 9 MOUNTING PLATE ; MP MP8 ; MT ; ; .144 HOLE w/.312 C' BORE .375 .24 Options MP, MP8 & MT MP Metal inserts with .150” dia. hole accept #6 screw. MP8 Metal inserts with .187” dia. hole accept #8-32 screw. MT Metal inserts with tapped hole accept #6-32 screw. Option DR Counterbored holes across mount ends of block enable fastening with two screws at right angles to normal mount position. Drilled Right Angle (A2, LP2 only) Mounting Plates ; STANDOFF .300 Option SO Standoff mounts are tubes molded to the mounting positions. Available with insulator bases only. Retaining Clip Standoffs ; RETAINING CLIP Option RC Use on standoff tubes. Fit panels up to .125” thick. Two clips for every five positions. Supplied unassembled. Bulk Part No. H541. Mounting Options ; ; .32 .45 .15 .25 .04 Option AB Angle brackets enable block to be fastened at right angles to normal mount position. Bulk part no. 2AB. Angle Brackets (A2, LP2 only) Right Angle Bends (A2, LP2 only) Right angle terminals are offered on the A2000 & LP2000 Series. Configurations are defined in these dimensions: X = pin extension beyond the block base; Z = length from block base to centerline of the terminal tip. Standard bends consist of the X and Z dimensions shown in the chart. Specify by adding the selected Bend Option Code to the terminal part no. X Z .82 X Z .55 07 Terminal Bend Configurations 04 Terminal Bend Configurations Bend Available Option X Z w/insulator Code (minimum) base R30 -.04 .28 No R35 .01 .23 No R36 .02 .22 No R39 .05 .19 No R42 .08 .16 No R46 .12 .12 No R48 .14 .10 No R50 .16 .08 No Bend Available Option X Z w/insulator Code (minimum) base R30 -.04 .55 Yes R35 .01 .50 Yes R36 .02 .49 Yes R42 .08 .43 Yes R46 .12 .39 Yes R50 .16 .35 No R53 .19 .32 No R66 .32 .19 No R69 .35 .16 No R75 .41 .10 No R77 .43 .08 No Dimensions in inches. To convert to millimeters, multiply by 25.4. Series A2000 & LP2000 Single Row Terminal Blocks Continued |
유사한 부품 번호 - CB50220807 |
|
유사한 설명 - CB50220807 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |