전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54-00207 데이터시트(PDF) 5 Page - JDS Uniphase Corporation

부품명 54-00207
상세설명  Diode Lasers, Single-mode 50 to 200 mW, 810/830/852 nm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JDSU [JDS Uniphase Corporation]
홈페이지  http://www.jdsu.com/index.html
Logo JDSU - JDS Uniphase Corporation

54-00207 데이터시트(HTML) 5 Page - JDS Uniphase Corporation

  54-00207 Datasheet HTML 1Page - JDS Uniphase Corporation 54-00207 Datasheet HTML 2Page - JDS Uniphase Corporation 54-00207 Datasheet HTML 3Page - JDS Uniphase Corporation 54-00207 Datasheet HTML 4Page - JDS Uniphase Corporation 54-00207 Datasheet HTML 5Page - JDS Uniphase Corporation 54-00207 Datasheet HTML 6Page - JDS Uniphase Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
54XX SERIES DIODE LASERS
Typical Optical Characteristics
Ordering Information
For more information on this or other products and their availability, please contact your local JDSU account manager or
JDSU directly at 1-800-498-JDSU (5378) in North America and +800-5378-JDSU worldwide or via e-mail at
customer.service@jdsu.com.
100
40
80 120 160 200
0
5410
5400
50
Current (mA)
θ (degrees)
40
20
0
20
40
FWHM
= 30o
Light vs. Current
Characteristics
Light vs. Current
Characteristics
Light vs. Current
Characteristics
Far Field Energy
Distribution
Far Field Energy
Distribution
150
50 100 150 200
0
75
Current (mA)
5420
200
60 120 180 240 300
0
100
Current (mA)
5430
θ (degrees)
20 10
0
10
20
200 mW
160 mW
100 mW
FWHM
= 9o
Sample: 54-00202
Part Number
Power
Wavelength
Package
54-00202
50 mW
810 (±5)
5.6 mm TO-56
54-00203
50 mW
830 (-10/+20)
5.6 mm TO-56
Call for part number
50 mW
830 (-10/+20)
9 mm SOT-148
54-00204
50 mW
852 (±10)
5.6 mm TO-56
54-00205
100 mW
810 (±5)
5.6 mm TO-56
54-00206
100 mW
830 (-10/+20)
5.6 mm TO-56
54-00207
100 mW
852 (±10)
5.6 mm TO-56
Call for part number
150 mW
810 (±5)
9 mm SOT-148
54-00210
150 mW
810 (±5)
5.6 mm TO-56
Call for part number
150 mW
830 (±10)
9 mm SOT-148
54-00211
150 mW
830 (±10)
5.6 mm TO-56
Call for part number
150 mW
852 (±10)
9 mm SOT-148
54-00212
150 mW
852 (±10)
5.6 mm TO-56
Call for part number
200 mW
830 (±10)
9 mm SOT-148
54-00213
200 mW
830 (±10)
5.6 mm TO-56
54-00214
200 mW
852 (±10)
5.6 mm TO-56


유사한 부품 번호 - 54-00207

제조업체부품명데이터시트상세설명
logo
JDS Uniphase Corporatio...
54-00207 JDSU-54-00207 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
More results

유사한 설명 - 54-00207

제조업체부품명데이터시트상세설명
logo
Roithner LaserTechnik G...
LD-520-50SG ROITHNER-LD-520-50SG Datasheet
520Kb / 3P
   Direct Emitting Green Laser Diode 520 nm 50 mW single Transverse Mode Structure: GaN
logo
JDS Uniphase Corporatio...
24-00135 JDSU-24-00135 Datasheet
546Kb / 11P
   Diode Lasers, High Brightness 0.6 to 8.5 W, 8xx nm
logo
OKI electronic componet...
OL3300W OKI-OL3300W Datasheet
24Kb / 3P
   1310 nm/1 mW SMT Laser Diode Module with Single Mode Fiber
logo
JDS Uniphase Corporatio...
63-00352 JDSU-63-00352 Datasheet
323Kb / 5P
   Diode Lasers,High Brightness 10 W, 9xx nm
logo
NXP Semiconductors
PBSS5350S PHILIPS-PBSS5350S Datasheet
74Kb / 8P
   High power dissipation (830 mW)
2001 Nov 19
logo
Micro Commercial Compon...
BZT52B3V0JS MCC-BZT52B3V0JS Datasheet
540Kb / 4P
   200 mW Zener Diode 3.0 to 75 Volts
BZT52C2V4S MCC-BZT52C2V4S_18 Datasheet
272Kb / 4P
   200 mW Zener Diode 2.4 to 56 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
MMBZ5221BW MCC-MMBZ5221BW Datasheet
244Kb / 3P
   200 mW Zener Diode 2.4 to 39 Volts
UDZS36B MCC-UDZS36B Datasheet
458Kb / 5P
   200 mW Zener Diode 3.6 to 36 Volts
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com