전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4764A 데이터시트(PDF) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

부품명 1N4764A
상세설명  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
홈페이지  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

1N4764A 데이터시트(HTML) 2 Page - Chongqing Pingwei Enterprise co.,Ltd

  1N4764A Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd 1N4764A Datasheet HTML 2Page - Chongqing Pingwei Enterprise co.,Ltd 1N4764A Datasheet HTML 3Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CHONGQING PINGYANG ELECTRONICS CO.,LTD.
SILICON PLANAR POWER ZENER DIODES
Zener Voltage range
1)
Dynamic recsistance
4)
Reverse
leakage
current
Max. Zener
Current
Vznom
2)
IZT
for
VZT
3)
rZJT
IZM @ TA
IR
3)
at
VR
IZM @ TA
TYPE
V
mA
V
mA
Ω
mA
µA
V
mA
1N4728A
3.3
76
2.97
3.63
10
400
1.0
100
1.0
276
1N4729A
3.6
69
3.24
3.96
10
400
1.0
100
1.0
252
1N4730A
3.9
64
3.51
4.29
9.0
400
1.0
50
1.0
234
1N4731A
4.3
58
3.87
4.73
9.0
400
1.0
10
1.0
217
1N4732A
4.7
53
4.23
5.17
8.0
500
1.0
10
1.0
193
1N4733A
5.1
49
4.59
5.61
7.0
550
1.0
10
1.0
178
1N4734A
5.6
45
5.04
6.16
5.0
600
1.0
10
2.0
162
1N4735A
6.2
41
5.58
6.82
2.0
700
1.0
10
3.0
146
1N4736A
6.8
37
6.12
7.48
3.5
700
1.0
10
4.0
133
1N4737A
7.5
34
6.75
8.25
4.0
700
0.5
10
5.0
121
1N4738A
8.2
31
7.38
9.02
4.5
700
0.5
10
6.0
110
1N4739A
9.1
28
8.19
10.01
5.0
700
0.5
10
7.0
100
1N4740A
10
25
9
11
7.0
700
0.25
10
7.6
91
1N4741A
11
23
9.9
12.1
8.0
700
0.25
5.0
8.4
83
1N4742A
12
21
10.8
13.2
9.0
700
0.25
5.0
9.1
76
1N4743A
13
19
11.7
14.3
10
700
0.25
5.0
9.9
69
1N4744A
15
17
13.5
16.5
14
700
0.25
5.0
11.4
61
1N4745A
16
15.5
14.4
17.6
16
700
0.25
5.0
12.2
57
1N4746A
18
14
16.2
19.8
20
750
0.25
5.0
13.7
50
1N4747A
20
12.5
18
22
22
750
0.25
5.0
15.2
45
1N4748A
22
11.5
19.8
24.2
23
750
0.25
5.0
16.7
41
1N4749A
24
10.5
21.6
26.4
25
750
0.25
5.0
18.2
38
1N4750A
27
9.5
24.3
29.7
35
750
0.25
5.0
20.6
34
1N4751A
30
8.5
27
33
40
1000
0.25
5.0
22.8
30
1N4752A
33
7.5
29.7
36.3
45
1000
0.25
5.0
25.1
27
1N4753A
36
7.0
32.4
39.6
50
1000
0.25
5.0
27.4
25
1N4754A
39
6.5
35.1
42.9
60
1000
0.25
5.0
29.7
23
1N4755A
43
6.0
38.7
47.3
70
1500
0.25
5.0
32.7
22
1N4756A
47
5.5
42.3
51.7
80
1500
0.25
5.0
35.8
19
1N4757A
51
5
45.9
56.1
95
1500
0.25
5.0
38.8
18
1N4758A
56
4.5
50.4
61.6
110
2000
0.25
5.0
42.6
16
1N4759A
62
4.0
55.8
68.2
125
2000
0.25
5.0
47.1
14
1N4760A
68
3.7
61.2
74.8
150
2000
0.25
5.0
51.7
13
1N4761A
75
3.3
67.5
82.5
175
2000
0.25
5.0
56
12
1N4762A
82
3.0
73.8
90.2
200
3000
0.25
5.0
62.2
11
1N4763A
91
2.8
81.9
100.1
250
3000
0.25
5.0
69.2
10
1N4764A
100
2.5
90
110
350
3000
0.25
5.0
76.0
9
PDF 文件使用 "pdfFactory Pro" 试用版本创建 www.fineprint.cn


유사한 부품 번호 - 1N4764A

제조업체부품명데이터시트상세설명
logo
Transys Electronics
1N4764A TRSYS-1N4764A Datasheet
348Kb / 5P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
Rugao Dachang Electroni...
1N4764A DACHANG-1N4764A Datasheet
121Kb / 2P
   High stability and high reliability
logo
Jinan Gude Electronic D...
1N4764A JGD-1N4764A Datasheet
190Kb / 2P
   1W ZENER DIODE
logo
Vishay Siliconix
1N4764A VISHAY-1N4764A Datasheet
81Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Central Semiconductor C...
1N4764A CENTRAL-1N4764A Datasheet
601Kb / 5P
   Custom bar coding for shipments
More results

유사한 설명 - 1N4764A

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com