전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1949 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 2SD1949
상세설명  NPN Silicon General Purpose Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

2SD1949 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  2SD1949 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH 2SD1949 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Any changing of specification will not be informed individual
2SD1949
NPN Silicon
General Purpose Transistor
RoHS Compliant Product
*
High current.(IC=5A)
*
Low saturation voltage, typically
VCE(sat)=0.1V at IC / IB=150mA / 15mA
FEATURES
COLLECTOR
BASE
EMITTER
Dim
Min
Max
A
1.800
2.200
B
1.150
1.350
C
0.800
1.000
D
0.300
0.400
G
1.200
1.400
H
0.000
0.100
J
0.100
0.250
K
0.350
0.500
L
0.590
0.720
S
2.000
2.400
V
0.280
0.420
All Dimension in mm
SOT-323
K
J
C
H
L
A
B S
G
V
3
1
2
D
Top View
1
2
3
http://www.SeCoSGmbH.com
Elektronische Bauelemente
01-Jun-2002 Rev. A
Page 1 of 4
MAXIMUM RATINGS* TA=25
unless otherwise noted
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
50
V
VCEO
Collector-Emitter Voltage
50
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
500
mA
PC
Collector Dissipation
200
mW
TJ
Junction Temperature
150
Tstg
Storage Temperature
-55-150
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC= 100µA , IE=0
50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=1mA ,
IB=0
50
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 30 V, IE=0
0.5
µA
Emitter cut-off current
IEBO
VEB=4V, IC=0
0.5
µA
DC current gain
hFE
VCE=3V, IC=10mA
120
390
Collector-emitter saturation voltage
VCE(sat)
IC= 150mA, IB=15mA
0.4
V
Transition frequency
fT
VCE=5V, IC=20mA
f=100 MHz
250
MHz
Output capacitance
Cob
VCB=10V, IE=0,f=1 MHz
6.5
pF
CLASSIFICATION OF hFE
Rank
Q
R
Range
120-270
180-390
Marking
YQ
YR


유사한 부품 번호 - 2SD1949

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1949 ROHM-2SD1949 Datasheet
42Kb / 3P
   Medium Power Transistor (50V, 0.5A)
logo
Guangdong Kexin Industr...
2SD1949 KEXIN-2SD1949 Datasheet
45Kb / 1P
   Medium Power Transistor
logo
Rohm
2SD1949 ROHM-2SD1949 Datasheet
67Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SD1949 ROHM-2SD1949 Datasheet
112Kb / 3P
   Medium Power Transistor (50V,0.5A)
2SD1949 ROHM-2SD1949_1 Datasheet
67Kb / 3P
   Medium Power Transistor (50V,0.5A)
More results

유사한 설명 - 2SD1949

제조업체부품명데이터시트상세설명
logo
Weitron Technology
MMBT3904W WEITRON-MMBT3904W Datasheet
368Kb / 7P
   General Purpose Transistor NPN Silicon
logo
Zowie Technology Corpor...
MMBT3906 ZOWIE-MMBT3906 Datasheet
107Kb / 5P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC847A ZOWIE-BC847A Datasheet
79Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
BC849B ZOWIE-BC849B Datasheet
78Kb / 4P
   GENERAL PURPOSE TRANSISTOR NPN SILICON
MMBT2222AGH ZOWIE-MMBT2222AGH Datasheet
84Kb / 5P
   General Purpose Transistor NPN Silicon
logo
SeCoS Halbleitertechnol...
2SC1213 SECOS-2SC1213 Datasheet
77Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2235 SECOS-2SC2235 Datasheet
181Kb / 2P
   NPN Silicon General Purpose Transistor
2SC2412 SECOS-2SC2412 Datasheet
331Kb / 3P
   NPN Silicon General Purpose Transistor
logo
SEMTECH ELECTRONICS LTD...
MMBT4401 SEMTECH_ELEC-MMBT4401 Datasheet
185Kb / 2P
   NPN Silicon General Purpose Transistor
logo
SeCoS Halbleitertechnol...
2SC4618 SECOS-2SC4618_11 Datasheet
456Kb / 2P
   NPN Silicon General Purpose Transistor
logo
ON Semiconductor
2N4264 ONSEMI-2N4264 Datasheet
169Kb / 6P
   General Purpose Transistor(NPN Silicon)
1997 REV 2
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com