전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SL1117A 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SL1117A
상세설명  Adjustable or Fixed-Mode Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SL1117A 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SL1117A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SL1117A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SL1117A Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SL1117A Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SL1117A
1A Low Dropout Positive
Adjustable or Fixed-Mode Regulator
Description
The S
L1117A is a low dropout at positive adjustable or fixed-mode
regulator with min. of
1A output current capability. The product is
specifically designed to provide well-regulated supply for low voltage
IC applications such as high-speed bus termination and low current
3.3V logic supply. S
L1117A is also well suited for other applications
such as VGA cards. S
L1117A is guaranteed to have lower than 1.4V
dropout at full load current making it ideal to provide well regulated
outputs of 1.25V to 5V with
6.4V to 12V input supply.
* 3-Terminal Adjustable or Fixed 1.5V,1.8V,2.5V,3.3V,5.0V
Features
*
1.4V Max. Dropout Full Load Current
* Output Current Limiting
* Good Noise Rejection
* Fast Transient Response
* Built-in Thermal Shutdown
* Communication
Applications
*
PC Peripheral
01-Jun-2002 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
RoHS Compliant Product
Typical Circuit
SOT-223
REF.
Min.
Max.
REF.
Min.
Max.
A
6.70
7.30
B
13 C
TYP.
C
2.90
3.10
J
2.30 REF.
D
0.02
0.10
1
6.30
6.70
E
0 C
10 C
2
6.30
6.70
I
0.60
0.80
3
3.30
3.70
H
0.25
0.35
4
3.30
3.70
5
1.40
1.80
Millimeter
Millimeter


유사한 부품 번호 - SL1117A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SL1117A SECOS-SL1117A Datasheet
452Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1117A SECOS-SL1117A_11 Datasheet
452Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results

유사한 설명 - SL1117A

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SM1117A SECOS-SM1117A Datasheet
569Kb / 4P
   Adjustable or Fixed-Mode Regulator
SE1086 SECOS-SE1086 Datasheet
564Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1084 SECOS-SJ1084 Datasheet
604Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1118 SECOS-SL1118 Datasheet
601Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1086 SECOS-SU1086 Datasheet
605Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1117A SECOS-SU1117A Datasheet
621Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1116 SECOS-SJ1116 Datasheet
571Kb / 4P
   Adjustable or Fixed-Mode Regulator
SL1117A SECOS-SL1117A_11 Datasheet
452Kb / 4P
   Adjustable or Fixed-Mode Regulator
SU1085 SECOS-SU1085 Datasheet
631Kb / 4P
   Adjustable or Fixed-Mode Regulator
SJ1086 SECOS-SJ1086 Datasheet
593Kb / 4P
   Adjustable or Fixed-Mode Regulator
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com