전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMA4741 데이터시트(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

부품명 SMA4741
상세설명  1.0 Watts Surface Mount Zener Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMA4741 데이터시트(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMA4741 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMA4741 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMA4741 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMA4741 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Elektronische Bauelemente
SMA4735 THRU SMA4764
VOLTAGE 6.2V ~ 100V
1.0 Watts Surface Mount Zener Diode
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
47V
27V
0.8V
FIG 5. MAXIMUM SURGE POWER
FIG 6. EFFECT OF ZENER CURRENT ON
ZENER IMPEDANCE
FIG 7. EFFECT OF ZENER VOLTAGE ON
ZENER IMPEDANCE
1000
500
200
100
50
20
10
5.0
2.0
1.0
1000
700
500
200
100
50
70
20
10
7.0
5.0
2.0
1.0
0.1 0.2
0.5 1.0 2.0
5.0 10 20
50 100
1.0 2.0
3.0 5.0 7.0
10 20 30
70
50
100
TJ = 25
oC
Iz(ms)=0.1z(dc)
f = 60Hz
TJ = 25
oC
Iz(ms)=0.1z(dc)
f = 60Hz
Iz = 1.0mA
5.0mA
20mA
Iz, ZENEER CURRENT (mA)
Iz, ZENEER CURRENT (mA)
5% DUTY CYCLE
10% DUTY CYCLE
20% DUTY CYCLE
11V-91V NON-REPETITIVE
0.8V-10V NON-REPETITIVE
RECTANGULAR WAVEFORM
TJ = 25oC PRIOR TO INITIAL
PULSE
0.01 0.02
0.05 0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100 200
500
100
70
50
30
20
10
7.0
5.0
3.0
2.0
1.0
PW, PULSE WIDTH
This graphr epresents 90 percentile date point
For worse-case design characteristics, multiply surge power by 2/3
05-Nov-2007 Rev. C
Page 4 of 4


유사한 부품 번호 - SMA4741

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMA4741 SECOS-SMA4741 Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
logo
Shanghai Leiditech Elec...
SMA4741A LEIDITECH-SMA4741A Datasheet
966Kb / 3P
   Surface Mount Silicon Zener Diodes
logo
Yangzhou yangjie electr...
SMA4741A YANGJIE-SMA4741A Datasheet
194Kb / 3P
   Zener Diodes
logo
AiT Semiconductor Inc.
SMA4741A AITSEMI-SMA4741A Datasheet
313Kb / 6P
   ZENER DIODE 1W WIDE ZENER VOLTAGE 3.3V TO 330V
REV1.1
logo
Formosa MS
SMA4741A FORMOSA-SMA4741A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
More results

유사한 설명 - SMA4741

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SMA47XX SECOS-SMA47XX_15 Datasheet
193Kb / 3P
   1.0 Watts Surface Mount Zener Diode
SMA47XX SECOS-SMA47XX Datasheet
332Kb / 3P
   1.0 Watts Surface Mount Zener Diode
ZTS270X SECOS-ZTS270X Datasheet
240Kb / 2P
   1.0 Watts Surface Mount Zener Diode
logo
Taiwan Semiconductor Co...
1SMA4741 TSC-1SMA4741_1 Datasheet
339Kb / 4P
   1.0 Watts Surface Mount Silicon Zener Diode
logo
SUNMATE electronic Co.,...
PTZ3.6B SUNMATE-PTZ3.6B Datasheet
299Kb / 2P
   1.0 Watts Surface Mount Silicon Zener Diodes
logo
SeCoS Halbleitertechnol...
SMB3EZXXD5 SECOS-SMB3EZXXD5 Datasheet
265Kb / 4P
   3.0 Watts Surface Mount Zener Diode
3EZXXXD5 SECOS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
SMA59XXB SECOS-SMA59XXB Datasheet
264Kb / 3P
   1.5 Watts Surface Mount Zener Diode
SMB5921 SECOS-SMB5921 Datasheet
201Kb / 4P
   3.0 Watts Surface Mount Zener Diode
logo
SEC Electronics Inc.
3EZXXXD5 SECELECTRONICS-3EZXXXD5 Datasheet
738Kb / 4P
   3 Watts Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com