전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF113D 데이터시트(PDF) 3 Page - MicroPower Direct, LLC

부품명 LF113D
상세설명  Ultra-Miniature, 1W Dual Output SMT DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MPD [MicroPower Direct, LLC]
홈페이지  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LF113D 데이터시트(HTML) 3 Page - MicroPower Direct, LLC

  LF113D Datasheet HTML 1Page - MicroPower Direct, LLC LF113D Datasheet HTML 2Page - MicroPower Direct, LLC LF113D Datasheet HTML 3Page - MicroPower Direct, LLC LF113D Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx =
±0.01 (±0.25)
Pin 1 is marked by a “dot” or indentation on the unit
Mechanical Dimensions - 5/12V Input
292 Page Street, STE D, Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Mechanical Dimensions - 24V Input


유사한 부품 번호 - LF113D

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
LF113D ETC-LF113D Datasheet
73Kb / 2P
   1W Dual Output Surface Mountable DC/DC Converters
logo
MicroPower Direct, LLC
LF113DI MPD-LF113DI Datasheet
216Kb / 2P
   High Isolation, 1W Dual Output SMT DC/DC Converters
More results

유사한 설명 - LF113D

제조업체부품명데이터시트상세설명
logo
MicroPower Direct, LLC
LF100S MPD-LF100S Datasheet
477Kb / 4P
   Ultra-Miniature, 1W Single Output SMT DC/DC Converters
LF100ES MPD-LF100ES Datasheet
235Kb / 2P
   Lowest Cost, Single Output 1W Ultra-Miniature SMT DC/DC Converters
LF200D MPD-LF200D Datasheet
234Kb / 2P
   Ultra-Miniature, 2W Dual Output SMT DC/DC Converters
logo
Minmax Technology Co., ...
MSAU200 MINMAX-MSAU200 Datasheet
243Kb / 8P
   1W, Miniature SMD, Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
KDC_NKA MURATA-KDC_NKA Datasheet
145Kb / 4P
   Isolated Sub-Miniature 1W Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MSLU100 MINMAX-MSLU100 Datasheet
196Kb / 8P
   1W, Miniature SMD, Single & Dual Output DC/DC Converters
logo
MicroPower Direct, LLC
D100 MPD-D100 Datasheet
200Kb / 2P
   Single & Dual Output Miniature, 1W SIP DC/DC Converters
logo
C&D Technologies
NKA CANDD-NKA Datasheet
104Kb / 2P
   Isolated Sub-Miniature 1W Dual Output DC-DC Converters
logo
MPS Industries, Inc.
ADC100 MPSIND-ADC100 Datasheet
172Kb / 2P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
logo
Minmax Technology Co., ...
MAU100 MINMAX-MAU100 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com