전자부품 데이터시트 검색엔진
  Korean  ▼

Delete All
ON OFF
ALLDATASHEET.CO.KR

X  

Preview PDF Download HTML

JPM16B-A 데이터시트(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

부품명 JPM16B-A
상세내용  Internationally Approved Pushbuttons
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  NKK [Nihon Kaiheiki Industry Co. Ltd.]
홈페이지  http://www.nkkswitches.com
Logo 

JPM16B-A 데이터시트(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
/ 5 page
 4 / 5 page
background image
NKK Switches • email: sales@nkkswitches.com • Phone (480) 991-0942 • Fax (480) 998-1435 • www.nkkswitches.com
03-07
Internationally Approved Pushbuttons
Series JP
M
TV-5 Rated
Power Level
10A @ 125/250V AC
TV-8 Rated
Power Level
16A @ 125/250V AC
L
RATINGS
ACTUATORS
Plunger Position
Connected Terminals
Throw & Schematics
Pole
Model
Normal
Down
Normal
Down
Note: Terminal numbers are
actually on the switch.
SP
JPM16
JPL16
OFF
ON
OPEN
1-1a
SPST
DP
JPM26
JPL26
OFF
ON
OPEN
1-1a 2-2a
DPST
POLES & CIRCUIT
B
The barrier is an integral part
of the switch. This housing
is black, molded polyamide
matte finish material.
Cap details below.
The flange is an integral part
of the switch. This housing
is black, molded polyamide
matte finish material.
No cap supplied.
Flat Cap
with Barrier Flange
P
Plunger
with Flat Flange
CAP COLORS
AT3021 Flat Cap
for Actuator Type B with Barrier Flange
Cap Material:
Polyphenylene Oxide
Finish: Matte
The cap is flush with the barrier
in normal position and .079”
(2.0mm) below that in latchdown
position.
The latchdown feature on this
alternate action device provides
visible, audible, and tactile feed-
back. This design gives smooth,
responsive operation.
Black
Ivory
Red
Gray
Cap Colors Available:
A
B
C
H
Note: See General Specifications page to find complete explanation of TV ratings.
1 (COM)
1a
1
2
(COM)
1a
2a
(18.0)
.709
(6.8)
.268
(22.0)
.866


Html Pages

1  2  3  4  5 


데이터시트 Download




링크 URL



Privacy Policy
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn