전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U16C20 데이터시트(PDF) 2 Page - Mospec Semiconductor

부품명 U16C20
상세설명  FAST RECTIFIERS(16A,50-200V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

U16C20 데이터시트(HTML) 2 Page - Mospec Semiconductor

  U16C20 Datasheet HTML 1Page - Mospec Semiconductor U16C20 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


유사한 부품 번호 - U16C20

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
U16C20A THINKISEMI-U16C20A Datasheet
240Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
logo
ABB
U16C20A ABB-U16C20A Datasheet
365Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
logo
Thinki Semiconductor Co...
U16C20A THINKISEMI-U16C20A Datasheet
344Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
U16C20A THINKISEMI-U16C20A_V01 Datasheet
344Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
U16C20C THINKISEMI-U16C20C Datasheet
240Kb / 2P
   16.0 Ampere Heatsink Common Anode Ultra Fast Recovery Rectifiers
More results

유사한 설명 - U16C20

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
F16C05 MOSPEC-F16C05 Datasheet
135Kb / 2P
   POWER RECTIFIERS(16A,50-200V)
H16C05 MOSPEC-H16C05 Datasheet
138Kb / 2P
   HIGH EFFICIENCY RECTIFIERS(16A,50-200V)
U10A05 MOSPEC-U10A05 Datasheet
133Kb / 2P
   FAST RECTIFIERS(10A,50-200V)
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
F06C05 MOSPEC-F06C05 Datasheet
133Kb / 2P
   FAST RECOVERY RECTIFIERS(6.0A,50-200V)
logo
Frontier Electronics.
FR1605CT FRONTIER-FR1605CT Datasheet
438Kb / 2P
   16A FAST RECOVERY RECTIFIERS
logo
Fairchild Semiconductor
FRM3200CC FAIRCHILD-FRM3200CC Datasheet
113Kb / 4P
   Ultra-fast POWERplanar??Rectifiers 32 A, 50-200V
logo
TAITRON Components Inco...
FEP16AT TAITRON-FEP16AT Datasheet
158Kb / 5P
   16A Super Fast Recovery Rectifiers
logo
Mospec Semiconductor
U12C05 MOSPEC-U12C05 Datasheet
135Kb / 2P
   POWER RECTIFIERS(12A,50-200V)
U20C05 MOSPEC-U20C05 Datasheet
138Kb / 2P
   POWER RECTIFIERS(20A,50-200V)
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com