전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

6V8HSA 데이터시트(PDF) 2 Page - SEMTECH ELECTRONICS LTD.

부품명 6V8HSA
상세설명  SILICON PLANAR ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

6V8HSA 데이터시트(HTML) 2 Page - SEMTECH ELECTRONICS LTD.

  6V8HSA Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 6V8HSA Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 6V8HSA Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 6V8HSA Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD. 6V8HSA Datasheet HTML 5Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SEMTECH ELECTRONICS LTD.
(Subsidiary of Semtech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
Dated : 07/05/2006
HS Series
Characteristics at Ta = 25 OC
Zener Voltage
Dynamic Resistance
Reverse Leakage Current (IR at VR)
Type
Min. (V)
Max. (V)
lZT (mA)
Ohm at lZT
lZT (mA)
IR (µA) Max.
VR (V)
2V0HS
1.88
2.2
2V0HSA
1.88
2.1
2V0HSB
2.02
2.2
5
100
5
120
0.5
2V2HS
2.12
2.41
2V2HSA
2.12
2.3
2V2HSB
2.22
2.41
5
100
5
120
0.7
2V4HS
2.33
2.63
2V4HSA
2.33
2.52
2V4HSB
2.43
2.63
5
100
5
120
1
2V7HS
2.54
2.91
2V7HSA
2.54
2.75
2V7HSB
2.69
2.91
5
110
5
100
1
3V0HS
2.85
3.22
3V0HSA
2.85
3.07
3V0HSB
3.01
3.22
5
120
5
50
1
3V3HS
3.16
3.53
3V3HSA
3.16
3.38
3V3HSB
3.32
3.53
5
120
5
20
1
3V6HS
3.47
3.83
3V6HSA
3.47
3.68
3V6HSB
3.62
3.83
5
120
5
10
1
3V9HS
3.77
4.14
3V9HSA
3.77
3.98
3V9HSB
3.92
4.14
5
120
5
5
1
4V3HS
4.05
4.53
4V3HSA
4.05
4.26
4V3HSB
4.2
4.4
4V3HSC
4.34
4.53
5
120
5
5
1
4V7HS
4.47
4.91
4V7HSA
4.47
4.65
4V7HSB
4.59
4.77
4V7HSC
4.71
4.91
5
100
5
5
1
5V1HS
4.85
5.35
5V1HSA
4.85
5.03
5V1HSB
4.97
5.18
5V1HSC
5.12
5.35
5
70
5
5
1.5
1) Tested with pulse tp = 20 ms
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.


유사한 부품 번호 - 6V8HSA

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
6V8HC SEMTECH_ELEC-6V8HC Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
6V8HCA SEMTECH_ELEC-6V8HCA Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
6V8HCB SEMTECH_ELEC-6V8HCB Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
6V8HCC SEMTECH_ELEC-6V8HCC Datasheet
250Kb / 4P
   SILICON PLANAR ZENER DIODES
More results

유사한 설명 - 6V8HSA

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com