전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4757A 데이터시트(PDF) 4 Page - SEMTECH ELECTRONICS LTD.

부품명 1N4757A
상세설명  SILICON PLANAR POWER ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4757A 데이터시트(HTML) 4 Page - SEMTECH ELECTRONICS LTD.

  1N4757A Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4757A Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N4757A Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 1N4757A Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dated : 12/06/2007
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
1N4727A...1N4764A
I, Lead Length (mm)
Fig. 2 Typical Thermal Resistance vs. Lead Length
0
05
10
15
50
100
150
30
20
25
200
250
100
0
0
0.2
0.4
0.8
0.6
1.0
2
00
TA, Ambient Temperature
Fig. 1 Power Dissipation vs Ambient Temperature
VR=30V
VR=20V
VR=5V
VR=2V
VR=0V
f=1MHz
TA=25°C
50
Vz, Zener Voltage (V)
Fig. 3 Junction Capacitance vs Zener Voltage
100
1
010
20
30
40
10
1000
100
2mA
Vz, Zener Voltage (V)
Fig. 4 Typical Zener Impedance vs. Zener Voltage
60
1
1
10mA
20mA
10
5mA
10
100
Iz=1mA
1000


유사한 부품 번호 - 1N4757A

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4757A VISHAY-1N4757A Datasheet
40Kb / 4P
   Silicon Power Z-Diodes
Rev. 2, 01-Apr-99
1N4757A VISHAY-1N4757A Datasheet
75Kb / 4P
   Zener Diodes
Rev. 2.3. 13-Nov-12
logo
Weitron Technology
1N4757A WEITRON-1N4757A Datasheet
1Mb / 3P
   Axial Lead Zener Diodes SMALL SIGNAL ZENER DIODES 1.0 WATTS
logo
Fairchild Semiconductor
1N4757A FAIRCHILD-1N4757A Datasheet
56Kb / 5P
   COLOR BAND DENOTES CATHODE
logo
Suntan Capacitors
1N4757A SUNTAN-1N4757A Datasheet
475Kb / 5P
   For use in stabilizing and clipping circuits with high
More results

유사한 설명 - 1N4757A

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com