전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4758 데이터시트(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

부품명 1N4758
상세설명  SILICON PLANAR POWER ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

1N4758 데이터시트(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  1N4758 Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. 1N4758 Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. 1N4758 Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. 1N4758 Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 12/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
1N4727...1N4764
SILICON PLANAR POWER ZENER DIODES
for use in stabilizing and clipping circuits with high
power rating. Standard zener voltage tolerance is
±10%. Add suffix "A" for ±5% tolerance and suffix "B"
for ±2% tolerance. Other tolerances are available upon
request.
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Power Dissipation
Ptot
1
1)
W
Junction Temperature
Tj
200
O
C
Storage Temperature Range
TS
- 65 to + 200
O
C
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Thermal Resistance Junction to Ambient Air
RthA
170
1)
K/W
Forward Voltage
at IF = 200 mA
VF
1.2
V
1) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Max. 4.2
Max. 2.8
Glass Case DO-41
Max. 0.7
Min. 25.4
Min. 25.4
XXX
Cathode Band
Part No.
ST
"ST" Brand
Dimensions in mm
Black
Black
Black


유사한 부품 번호 - 1N4758

제조업체부품명데이터시트상세설명
logo
Surge Components
1N4758 SURGE-1N4758 Datasheet
84Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
Microdiode Electronics ...
1N4758 CHENDA-1N4758 Datasheet
1Mb / 3P
   ZENER DIODES
logo
Silicon Standard Corp.
1N4758 SSC-1N4758 Datasheet
173Kb / 3P
   Zener Diodes
logo
New Jersey Semi-Conduct...
1N4758 NJSEMI-1N4758 Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Semtech Corporation
1N4758 SEMTECH-1N4758 Datasheet
251Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
More results

유사한 설명 - 1N4758

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
ZMU100 SEMTECH-ZMU100 Datasheet
134Kb / 3P
   SILICON PLANAR POWER ZENER DIODES?
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728 Datasheet
34Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Nanjing International G...
ZM1.5C DGNJDZ-ZM1.5C Datasheet
83Kb / 2P
   Silicon Planar Power Zener Diodes
logo
Chenmko Enterprise Co. ...
MMGZ5221BPT CHENMKO-MMGZ5221BPT Datasheet
120Kb / 5P
   SILICON PLANAR POWER ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX85C SEMTECH_ELEC-BZX85C Datasheet
254Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
New Jersey Semi-Conduct...
1N957 NJSEMI-1N957 Datasheet
140Kb / 2P
   Silicon Planar Power Zener Diodes
1N4727A NJSEMI-1N4727A Datasheet
164Kb / 2P
   SILICON PLANAR POWER ZENER DIODES
logo
PACELEADER INDUSTRIAL
ZM4728A PACELEADER-ZM4728A Datasheet
179Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
logo
Kingtronics Internation...
1N4727A-1N4761A KINGTRONICS-1N4727A-1N4761A Datasheet
499Kb / 5P
   Silicon Planar Power Zener Diodes
logo
Semtech Corporation
BZV85 SEMTECH-BZV85 Datasheet
277Kb / 3P
   SILICON PLANAR POWER ZENER DIODES???
logo
GOOD-ARK Electronics
ZM4728 GOOD-ARK-ZM4728 Datasheet
35Kb / 3P
   SILICON PLANAR POWER ZENER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com