전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BZX55T12C 데이터시트(PDF) 3 Page - SEMTECH ELECTRONICS LTD.

부품명 BZX55T12C
상세설명  SILICON EPITAXIAL PLANAR ZENER DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

BZX55T12C 데이터시트(HTML) 3 Page - SEMTECH ELECTRONICS LTD.

  BZX55T12C Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. BZX55T12C Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. BZX55T12C Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. BZX55T12C Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dated : 21/06/2007
®
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
BZX55T Series
VZmin
2)
VZmax
2)
rZmax
at IZ
IRmax
at VR
IRmax
1)
at VR
1)
Type
V
V
mA
µA
V
µA
V
BZX55T6V8
6.4
7.2
15
5
1
3.5
0.1
3
BZX55T6V8A
6.4
6.7
15
5
1
3.5
0.1
3
BZX55T6V8B
6.6
6.9
15
5
1
3.5
0.1
3
BZX55T6V8C
6.7
7
15
5
1
3.5
0.1
3
BZX55T6V8D
6.9
7.2
15
5
1
3.5
0.1
3
BZX55T7V5
7
7.9
15
5
1
5.0
0.1
3.5
BZX55T7V5A
7
7.3
15
5
1
5.0
0.1
3.5
BZX55T7V5B
7.2
7.6
15
5
1
5.0
0.1
3.5
BZX55T7V5C
7.3
7.7
15
5
1
5.0
0.1
3.5
BZX55T7V5D
7.5
7.9
15
5
1
5.0
0.1
3.5
BZX55T8V2
7.7
8.7
20
5
1
6.2
0.1
4
BZX55T8V2A
7.7
8.1
20
5
1
6.2
0.1
4
BZX55T8V2B
7.9
8.3
20
5
1
6.2
0.1
4
BZX55T8V2C
8.1
8.5
20
5
1
6.2
0.1
4
BZX55T8V2D
8.3
8.7
20
5
1
6.2
0.1
4
BZX55T9V1
8.5
9.7
20
5
1
6.8
-
-
BZX55T9V1A
8.5
8.9
20
5
1
6.8
-
-
BZX55T9V1B
8.7
9.1
20
5
1
6.8
-
-
BZX55T9V1C
8.9
9.3
20
5
1
6.8
-
-
BZX55T9V1D
9.1
9.5
20
5
1
6.8
-
-
BZX55T9V1E
9.3
9.7
20
5
1
6.8
-
-
BZX55T10
9.5
10.6
25
5
1
7.5
-
-
BZX55T10A
9.5
9.9
25
5
1
7.5
-
-
BZX55T10B
9.7
10.1
25
5
1
7.5
-
-
BZX55T10C
9.9
10.3
25
5
1
7.5
-
-
BZX55T10D
10.2
10.6
25
5
1
7.5
-
-
BZX55T11
10.4
11.6
25
5
1
8.2
-
-
BZX55T11A
10.4
10.8
25
5
1
8.2
-
-
BZX55T11B
10.7
11.1
25
5
1
8.2
-
-
BZX55T11C
10.9
11.3
25
5
1
8.2
-
-
BZX55T11D
11.1
11.6
25
5
1
8.2
-
-
BZX55T12
11.4
12.7
35
5
1
9.5
-
-
BZX55T12A
11.4
11.9
35
5
1
9.5
-
-
BZX55T12B
11.6
12.1
35
5
1
9.5
-
-
BZX55T12C
11.9
12.4
35
5
1
9.5
-
-
BZX55T12D
12.2
12.7
35
5
1
9.5
-
-
BZX55T12X
11.44
12.03
35
5
1
9.5
-
-
BZX55T13
12.4
13.4
35
5
1
10
-
-
BZX55T13A
12.4
12.9
35
5
1
10
-
-
BZX55T13B
12.6
13.1
35
5
1
10
-
-
BZX55T13C
12.9
13.4
35
5
1
10
-
-
BZX55T14
13.2
14.3
35
5
1
11
-
-
BZX55T14A
13.2
13.7
35
5
1
11
-
-
BZX55T14B
13.5
14
35
5
1
11
-
-
BZX55T14C
13.8
14.3
35
5
1
11
-
-
BZX55T15
14.1
15.5
40
5
1
11.5
-
-
BZX55T15A
14.1
14.7
40
5
1
11.5
-
-
BZX55T15B
14.5
15.1
40
5
1
11.5
-
-
BZX55T15C
14.9
15.5
40
5
1
11.5
-
-
BZX55T15X
14.35
15.09
40
5
1
11.5
-
-


유사한 부품 번호 - BZX55T12C

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BZX55 PHILIPS-BZX55 Datasheet
41Kb / 7P
   Voltage regulator diodes
1996 Apr 26
logo
Microdiode Electronics ...
BZX55 CHENDA-BZX55 Datasheet
748Kb / 3P
   2.4- 1 8 0V Peak Pulse Power: 500mW
logo
Semtech Corporation
BZX55 SEMTECH-BZX55 Datasheet
320Kb / 3P
   SILICON PLANAR ZENER DIODES??????
logo
New Jersey Semi-Conduct...
BZX55 NJSEMI-BZX55 Datasheet
169Kb / 2P
   SILICON PLANAR ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX55 CHENYI-BZX55 Datasheet
116Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results

유사한 설명 - BZX55T12C

제조업체부품명데이터시트상세설명
logo
SEMTECH ELECTRONICS LTD...
2V2BC SEMTECH_ELEC-2V2BC Datasheet
306Kb / 3P
   Silicon Epitaxial Planar Zener Diodes
logo
Nanjing International G...
ZMM1B DGNJDZ-ZMM1B Datasheet
167Kb / 8P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
BTZS4678 SEMTECH_ELEC-BTZS4678 Datasheet
292Kb / 4P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZX83C SEMTECH_ELEC-BZX83C Datasheet
162Kb / 2P
   SILICON EPITAXIAL PLANAR ZENER DIODES
21/06/2007
logo
Semtech Corporation
ZM-PTZ10B SEMTECH-ZM-PTZ10B Datasheet
286Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZT55C2V4 SEMTECH_ELEC-BZT55C2V4 Datasheet
312Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
BZT-RLZ2V2A SEMTECH_ELEC-BZT-RLZ2V2A Datasheet
300Kb / 5P
   SILICON EPITAXIAL PLANAR ZENER DIODES
logo
Nanjing International G...
HZ DGNJDZ-HZ Datasheet
92Kb / 4P
   Silicon Epitaxial Planar Zener Diodes
ZMC1 DGNJDZ-ZMC1 Datasheet
80Kb / 2P
   Silicon Epitaxial Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
MTZ2V0 SEMTECH_ELEC-MTZ2V0 Datasheet
212Kb / 3P
   SILICON EPITAXIAL PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com