전자부품 데이터시트 검색엔진 |
|
SN74LS241N3 데이터시트(PDF) 9 Page - Texas Instruments |
|
SN74LS241N3 데이터시트(HTML) 9 Page - Texas Instruments |
9 / 16 page SN54LS240, SN54LS241, SN54LS244, SN54S240, SN54S241, SN54S244 SN74LS240, SN74LS241, SN74LS244, SN74S240, SN74S241, SN74S244 OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS SDLS144B – APRIL 1985 – REVISED FEBRUARY 2002 9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics, VCC = 5 V, TA = 25°C (see Figure 2) PARAMETER TEST CONDITIONS ’S240 ’S241, ’S244 UNIT PARAMETER TEST CONDITIONS MIN TYP MAX MIN TYP MAX UNIT tPLH RL =90 Ω C50 F 4.5 7 6 9 ns tPHL RL = 90 Ω, CL = 50 pF 4.5 7 6 9 ns tPZL RL =90 Ω C50 F 10 15 10 15 ns tPZH RL = 90 Ω, CL = 50 pF 6.5 10 8 12 ns tPLZ RL 90 Ω CL 5 pF 10 15 10 15 ns tPHZ RL = 90 Ω, CL = 5 pF 6 9 6 9 ns |
유사한 부품 번호 - SN74LS241N3 |
|
유사한 설명 - SN74LS241N3 |