전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMCJ11-C 데이터시트(PDF) 1 Page - SEMTECH ELECTRONICS LTD.

부품명 SMCJ11-C
상세설명  TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SEMTECH_ELEC [SEMTECH ELECTRONICS LTD.]
홈페이지  http://www.semtech.net.cn
Logo SEMTECH_ELEC - SEMTECH ELECTRONICS LTD.

SMCJ11-C 데이터시트(HTML) 1 Page - SEMTECH ELECTRONICS LTD.

  SMCJ11-C Datasheet HTML 1Page - SEMTECH ELECTRONICS LTD. SMCJ11-C Datasheet HTML 2Page - SEMTECH ELECTRONICS LTD. SMCJ11-C Datasheet HTML 3Page - SEMTECH ELECTRONICS LTD. SMCJ11-C Datasheet HTML 4Page - SEMTECH ELECTRONICS LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dated : 11/11/2008
FD
SEMTECH ELECTRONICS LTD.
(Subsidiary of Sino-Tech International Holdings Limited, a company
listed on the Hong Kong Stock Exchange, Stock Code: 724)
®
SMCJ Series
TRANSIENT VOLTAGE SUPPRESSORS
Stand-off Voltage : 5.0 to 170 V
Peak Pulse Power : 1500 W
Features
1500 W peak pulse power capability on 10 /1000 µs
Excellent clamping capability
Fast response time: typically less than 1 ps from
0 V to V(BR) for unidirectional and 5 ns for
bidirectional types
Mechanical Data
• Case: SMC (DO-214AB) molded plastic
• Epoxy: UL 94V-0 rate flame retardant
• Terminals: Solder plated
• Polarity: Color band denotes cathode end
Types for Bidirectional Applications
• For bidirectional use C or CA suffix for types SMCJ5.0 thru types SMCJ170A (e.g. SMCJ5.0C, SMCJ170CA)
• Electrical characteristics apply in both directions
Maximum Ratings and Electrical Characteristics
Ratings at 25 OC ambient temperature unless otherwise specified. Single phase, half wave, 50 Hz, resistive or inductive load.
For capacitive load, derate by 20%
Parameter
Symbol
Value
Unit
Peak Pulse Power Dissipation with a 10/1000 µs Waveform
PPPM
Min. 1500
W
Peak Pulse Current with a 10/1000 µs Waveform
IPPM
See Next Table
A
Peak Forward Surge Current, 8.3 ms Single Half Sine-wave
Unidirectional only
IFSM
200
A
Maximum Instantaneous Forward Voltage at 100 A for
Unidirectional only
VF
3.5
V
Operating Junction and Storage Temperature Range
TJ, TStg
- 55 to + 150
O
C
7.5 ± 0.15
8.0 ± 0.1 5
1.1 ± 0.3
0.2 2 ± 0. 07
SMC (DO-214AB)
Dimensions in mm


유사한 부품 번호 - SMCJ11-C

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SMCJ11-E31T VISHAY-SMCJ11-E31T Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
More results

유사한 설명 - SMCJ11-C

제조업체부품명데이터시트상세설명
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com