전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM0825-36 데이터시트(PDF) 3 Page - Stealth Microwave, Inc.

부품명 SM0825-36
상세설명  800-2500 MHz 4 Watt Linear Power Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
홈페이지  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM0825-36 데이터시트(HTML) 3 Page - Stealth Microwave, Inc.

  SM0825-36 Datasheet HTML 1Page - Stealth Microwave, Inc. SM0825-36 Datasheet HTML 2Page - Stealth Microwave, Inc. SM0825-36 Datasheet HTML 3Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM0825-36/36H
800-2500 MHz
4 Watt Linear Power Amplifier
FOR WIDEBAND & LAB APPLICATIONS
Pin
Description
Values
RF Input
Input Connector (SMA Female)
+ 4 dBm (max.)
RF Output
Output Connector (SMA Female)
+ 36 dBm (min.)2
GND
Ground Turret
---
+12VDC
DC Input Voltage
+ 12 Volts @ 1.9 Amperes
On/Off
TTL Logic On/Off
0 Volts = Off, +5 Volts = On


유사한 부품 번호 - SM0825-36

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM0825-33 STEALTH_MICROWAVE-SM0825-33 Datasheet
424Kb / 4P
   800-2500 MHz 2 Watt Linear Power Amplifier
SM0825-33/33H STEALTH_MICROWAVE-SM0825-33/33H Datasheet
424Kb / 4P
   800-2500 MHz 2 Watt Linear Power Amplifier
SM0825-33H STEALTH_MICROWAVE-SM0825-33H Datasheet
424Kb / 4P
   800-2500 MHz 2 Watt Linear Power Amplifier
More results

유사한 설명 - SM0825-36

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM0825-40Q STEALTH_MICROWAVE-SM0825-40Q Datasheet
142Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM0825-33 STEALTH_MICROWAVE-SM0825-33 Datasheet
424Kb / 4P
   800-2500 MHz 2 Watt Linear Power Amplifier
SM0825-40 STEALTH_MICROWAVE-SM0825-40 Datasheet
129Kb / 3P
   800-2500 MHz 10 Watt Linear Power Amplifier
SM1025-36MQ2 STEALTH_MICROWAVE-SM1025-36MQ2 Datasheet
97Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
SM1025-36DMQ2 STEALTH_MICROWAVE-SM1025-36DMQ2 Datasheet
94Kb / 4P
   1000-2500 MHz 4 Watt Linear Power Amplifier
SM04080-36HS STEALTH_MICROWAVE-SM04080-36HS Datasheet
94Kb / 3P
   400-800 MHz 4 Watt Linear Power Amplifier
logo
Tyco Electronics
PA1162 MACOM-PA1162 Datasheet
62Kb / 1P
   800-960 MHz(4 Watt Ultra Linear Power Amplifier)
logo
Stealth Microwave, Inc.
SM2527-34HS STEALTH_MICROWAVE-SM2527-34HS Datasheet
93Kb / 2P
   2500-2700 MHz 3 Watt Linear Power Amplifier
SM2325-41 STEALTH_MICROWAVE-SM2325-41 Datasheet
115Kb / 2P
   2300-2500 MHz 12 Watt Linear Power Amplifier
SM2025-44L STEALTH_MICROWAVE-SM2025-44L Datasheet
174Kb / 3P
   2000-2500 MHz 25 Watt Linear Power Amplifier
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com