전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM1720-41L 데이터시트(PDF) 1 Page - Stealth Microwave, Inc.

부품명 SM1720-41L
상세설명  1700-2000 MHz 12 Watt Linear Power Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STEALTH_MICROWAVE [Stealth Microwave, Inc.]
홈페이지  http://www.stealthmicrowave.com
Logo STEALTH_MICROWAVE - Stealth Microwave, Inc.

SM1720-41L 데이터시트(HTML) 1 Page - Stealth Microwave, Inc.

  SM1720-41L Datasheet HTML 1Page - Stealth Microwave, Inc. SM1720-41L Datasheet HTML 2Page - Stealth Microwave, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1007 Whitehead Road Ext., Trenton, NJ 08638
Tel: (609) 538-8586
♦ Fax: (609) 538-8587
Email: sales@stealthmicrowave.com
♦ Web site: www.stealthmicrowave.com
Model SM1720-41L
1700-2000 MHz
12 Watt Linear Power Amplifier
PCS APPLICATIONS
Parameter
Specification
Frequency Range
1.7 – 2.0 GHz (100 MHz
BW)
Pout (P1dB)
+ 41 dBm (min.)
Third Order Intercept
Point
+ 60 dBm (min.)
Linear Gain
51 dB ± 1 dB
Gain Flatness over Full
Band
± .5 dB
Input/Output Return
Loss
-14 dB / -14dB
DC Input Voltage
+ 12 Volts
DC Supply Current
5.5 Amps (Varies per
application)
Mechanical Dimensions
(Without Heatsink)
6.7 x 4.0 x 0.8 Inches
RF Connectors
SMA Female
Operating Temperature
0ºC to +85ºC
Operating Humidity
95% Non-condensing
Operating Altitude
Up to 10,000 feet above
Sea Level
The SM1720-41L is a 1.7 to 2.0 GHz solid
state GaAs FET amplifier designed for the
Personal Communications (PCS) Market.
Its small size and ultra high linearity make
it ideally suited for systems using single or
multi-carrier CDMA, TDMA, or other high
dynamic range wireless application. Our
proprietary
pre-distortion
technique
dramatically improves the linearity of this
amplifier, which provides an OIP3 of +60
dBm typical. The unit provides 51 dB of
gain and operates off a single DC supply
voltage of +12V.
Features
• Built-in linearizer increases the
OIP3 by 7 dB
• Temperature compensation
• Single Power Supply
• Over/Reverse Voltage Protection
• Thermal Protection with Auto Reset
Options
• Forward Power Detection
• Logic On/Off Control
• Heatsink


유사한 부품 번호 - SM1720-41L

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM1720-42 STEALTH_MICROWAVE-SM1720-42 Datasheet
137Kb / 3P
   1.7-2.0 GHz 15 Watt Linear Amplifier
More results

유사한 설명 - SM1720-41L

제조업체부품명데이터시트상세설명
logo
Stealth Microwave, Inc.
SM1720-37HS STEALTH_MICROWAVE-SM1720-37HS Datasheet
89Kb / 3P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-37H STEALTH_MICROWAVE-SM1720-37H Datasheet
93Kb / 2P
   1700-2000 MHz 5 Watt Linear Power Amplifier
SM1720-50L STEALTH_MICROWAVE-SM1720-50L Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
SM1720-34HS STEALTH_MICROWAVE-SM1720-34HS Datasheet
64Kb / 2P
   1700-2000 MHz 3 Watt Linear Power Amplifier
SM1720-50 STEALTH_MICROWAVE-SM1720-50 Datasheet
150Kb / 3P
   1700-2000 MHz 100 Watt Linear Power Amplifier
SM2023-41 STEALTH_MICROWAVE-SM2023-41 Datasheet
90Kb / 2P
   2000-2300 MHz 12 Watt Linear Power Amplifier
SM2025-41LS STEALTH_MICROWAVE-SM2025-41LS Datasheet
141Kb / 2P
   2000 - 2500 MHz 12 Watt Ultra-Linear Power Amplifier
SM1727-34HSQ STEALTH_MICROWAVE-SM1727-34HSQ Datasheet
96Kb / 2P
   1700-2700 MHz 3 Watt Linear Power Amplifier
SM1727-37SQ STEALTH_MICROWAVE-SM1727-37SQ Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
SM1727-37S STEALTH_MICROWAVE-SM1727-37S Datasheet
94Kb / 2P
   1700-2700 MHz 5 Watt Linear Power Amplifier
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com